Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 70 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 70 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 74Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 444 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D C
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW HFCLKSTARTED
Write '1' to disable interrupt for event HFCLKSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW LFCLKSTARTED
Write '1' to disable interrupt for event LFCLKSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW DONE
Write '1' to disable interrupt for event DONE
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
D
RW CTTO
Write '1' to disable interrupt for event CTTO
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
5.4.3.14 HFCLKRUN
Address offset: 0x408
Status indicating that HFCLKSTART task has been triggered
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
STATUS
HFCLKSTART task triggered or not
NotTriggered
0
Task not triggered
Triggered
1
Task triggered
5.4.3.15 HFCLKSTAT
Address offset: 0x40C
HFCLK status
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
SRC
Source of HFCLK
RC
0
64 MHz internal oscillator (HFINT)
Xtal
1
64 MHz crystal oscillator (HFXO)
B
R
STATE
HFCLK state
NotRunning
0
HFCLK not running
Running
1
HFCLK running
5.4.3.16 LFCLKRUN
Address offset: 0x414
4454_140 v1.0
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com