Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 61 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 61 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 65Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 444 page
background image
Power and clock management
Symbol
Description
Min.
Typ.
Max.
Units
tOFF2ON
Time from OFF to CPU execute
16.5
µs
tIDLE2CPU
Time from IDLE to CPU execute
3.0
µs
tEVTSET,CL1
Time from HW event to PPI event in Constant Latency
System ON mode
0.0625
µs
tEVTSET,CL0
Time from HW event to PPI event in Low Power System ON
mode
0.0625
µs
5.3.10.2 Power fail comparator
Symbol
Description
Min.
Typ.
Max.
Units
VPOF
Nominal power level warning thresholds (falling supply
voltage). Levels are configurable between Min. and Max. in
100mV increments.
1.7
2.8
V
VPOFTOL
Threshold voltage tolerance
±1
±5
%
VPOFHYST
Threshold voltage hysteresis
50
mV
VBOR,OFF
Brown out reset voltage range SYSTEM OFF mode
1.2
1.7
V
VBOR,ON
Brown out reset voltage range SYSTEM ON mode
1.48
1.7
V
5.4 CLOCK — Clock control
The clock control system can source the system clocks from a range of internal or external high and low
frequency oscillators and distribute them to modules based upon a module’s individual requirements.
Clock distribution is automated and grouped independently by module to limit current consumption in
unused branches of the clock tree.
Listed here are the main features for CLOCK:
• 64 MHz on-chip oscillator
• 64 MHz crystal oscillator, using external 32 MHz crystal
• 32.768 kHz +/-500 ppm RC oscillator
• 32.768 kHz crystal oscillator, using external 32.768 kHz crystal
• 32.768 kHz oscillator synthesized from 64 MHz oscillator
• Firmware (FW) override control of oscillator activity for low latency start up
• Automatic oscillator and clock control, and distribution for ultra-low power
4454_140 v1.0
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com