Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 64 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 64 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 68Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 444 page
background image
Power and clock management
The LFCLK clock is stopped by triggering the LFCLKSTOP task.
It is not allowed to write to register LFCLKSRC on page 71 when the LFCLK is running.
A LFCLKSTOP task will stop the LFCLK oscillator. However, the LFCLKSTOP task can only be triggered after
the STATE field in register LFCLKSTAT on page 71 indicates a 'LFCLK running' state.
The LFCLK clock controller and all of the LFCLK clock sources are always switched off when in OFF mode.
5.4.2.1 32.768 kHz RC oscillator (LFRC)
The default source of the low frequency clock (LFCLK) is the 32.768 kHz RC oscillator (LFRC).
The LFRC frequency will be affected by variation in temperature. The LFRC oscillator can be calibrated to
improve accuracy by using the HFXO as a reference oscillator during calibration. See Table 32.768 kHz RC
oscillator (LFRC) on page 73 for details on the default and calibrated accuracy of the LFRC oscillator.
The LFRC oscillator does not require additional external components.
5.4.2.2 Calibrating the 32.768 kHz RC oscillator
After the 32.768 kHz RC oscillator is started and running, it can be calibrated by triggering the CAL task. In
this case, the HFCLK will be temporarily switched on and used as a reference.
A DONE event will be generated when calibration has finished. The calibration mechanism will only work
as long as HFCLK is generated from the HFCLK crystal oscillator, it is therefore necessary to explicitly start
this crystal oscillator before calibration can be started, see HFCLKSTART task.
It is not allowed to stop the LFRC during an ongoing calibration.
5.4.2.3 Calibration timer
The calibration timer can be used to time the calibration interval of the 32.768 kHz RC oscillator.
The calibration timer is started by triggering the CTSTART task and stopped by triggering the CTSTOP task.
The calibration timer will always start counting down from the value specified in CTIV and generate a CTTO
timeout event when it reaches 0. The Calibration timer will stop by itself when it reaches 0.
Calibration
timer
CTSTART
CTSTOP
CTTO
CTIV
Figure 19: Calibration timer
Due to limitations in the calibration timer, only one task related to calibration, that is, CAL, CTSTART and
CTSTOP, can be triggered for every period of LFCLK.
5.4.2.4 32.768 kHz crystal oscillator (LFXO)
For higher LFCLK accuracy the low frequency crystal oscillator (LFXO) must be used.
The following external clock sources are supported:
• Low swing clock signal applied to the XL1 pin. The XL2 pin shall then be grounded.
• Rail-to-rail clock signal applied to the XL1 pin. The XL2 pin shall then be grounded or left unconnected.
The LFCLKSRC on page 71 register controls the clock source, and its allowed swing. The truth table for
various situations is as follows:
4454_140 v1.0
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com