Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 89 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 89 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 87Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 88Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 89Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 90Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 91Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 92Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 93Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 444 page
background image
Peripherals
For long packets (MODE.LENGTH = Extended) the key-stream generation will need to be started even
earlier, for example at the time when the RXEN task in the RADIO is triggered.
Important: Refer to Timing specification on page 97 for information about the time needed for
generating a key-stream.
RU
A
H
L
RFU
EPL
MIC
CRC
ADDRESS
RXEN
END
key-stream
generation
KSGEN
decryption
CRYPT
PPI
ENDKSGEN
ENDCRYPT
P
READY
START
SHORTCUT
RADIO
AES CCM
RU: Ramp-up of RADIO
P: Preamble
A: Address
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
EPL: encrypted payload
: RADIO receiving noise
READY
PPI
Figure 32: On-the-fly decryption of short packets (MODE.LENGTH = Default) using a PPI connection
6.4.7 CCM data structure
The CCM data structure is located in Data RAM at the memory location specified by the CNFPTR pointer
register.
Property
Address offset
Description
KEY
0
16 byte AES key
PKTCTR
16
Octet0 (LSO) of packet counter
17
Octet1 of packet counter
18
Octet2 of packet counter
19
Octet3 of packet counter
20
Bit 6 – Bit 0: Octet4 (7 most significant bits of packet counter, with Bit 6 being the most
significant bit) Bit7: Ignored
21
Ignored
22
Ignored
23
Ignored
24
Bit 0: Direction bit Bit 7 – Bit 1: Zero padded
IV
25
8 byte initialization vector (IV) Octet0 (LSO) of IV, Octet1 of IV, … , Octet7 (MSO) of IV
Table 25: CCM data structure overview
The NONCE vector (as specified by the Bluetooth Core Specification) will be generated by hardware based
on the information specified in the CCM data structure from CCM data structure overview on page 89 .
Property
Address offset
Description
HEADER
0
Packet Header
LENGTH
1
Number of bytes in unencrypted payload
RFU
2
Reserved Future Use
PAYLOAD
3
Unencrypted payload
Table 26: Data structure for unencrypted packet
4454_140 v1.0
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com