Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 20Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
17 / 105
13.1.8 Power down state
During power down state, all regulators except VSNVS are disabled as configured in
the power down sequence. The power down sequence is programmable as defined in
Section 14.6.2 "Power down sequencing".
Two types of events may lead to the power down sequence:
• Non faulty turn off events: move directly into LP_Off state as soon as power down
sequence is finalized.
• Turn off events due to a PMIC fault: move to the fail-safe transition as soon as the
power down sequence is finalized.
13.1.9 Fail-safe transition
The fail-safe transition is entered if the PF5020 initiates a turn off event due to a PMIC
fault.
If the fail-safe transition is entered, the PF5020 provides four FAIL bits to indicate the
source of the failure:
• The PU_FAIL is set to 1 when the device shuts down due to a power up failure
• The WD_FAIL is set to 1 when the device shuts down due to a watchdog event counter
max out
• The REG_FAIL is set to 1 when the device shuts down due to a regulator failure (fault
counter maxed out or fault timer expired)
• The TSD_FAIL is set to 1 when the device shuts down due to a thermal shutdown
The value of the FAIL bits is retained as long as VIN > UVDET.
The MCU can read the FAIL bits during the system On state in order to obtain
information about the previous failure and can clear them by writing a 1 to them, provided
the state machine is able to power up successfully after such failure.
In the PF5020, when the state machine enters the fail-safe transition, a fail-safe counter
is compared and increased, if the FS_CNT[3:0] reaches the maximum count, the device
can be programmed to move directly to the fail-safe state to prevent a cyclic failure from
happening.
13.1.10 Fail-safe state (PF5020 ASIL B only)
The fail-safe state works as a safety lock-down upon a critical device/system failure. It is
reached when the FS_CNT [3:0] = FS_MAX_CNT [3:0].
A bit is provided to enable or disable the device to enter the fail-safe state upon a cyclic
failure. When the OTP_FS_BYPASS = 1, the fail-safe bypass operation is enabled and
the device always move to the LP_Off state, regardless of the value of the FS_CNT[3:0].
If the OTP_FS_BYPASS = 0, the fail-safe bypass is disabled, and the device moves to
the fail-safe state when the proper condition is met.
The maximum number of times the device can pass through the fail-safe
transition continuously prior to moving to a fail state is programmed by the
OTP_FS_MAX_CNT[3:0] bits. If the FS_MAX_CNT[3:0] = 0x00, the device moves into
the fail-safe state as soon as it fails for the very first time.
The device can exit the fail-safe state only after a power cycle (VIN crossing UVDET)
event is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com