Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
61 / 105
Symbol
Parameter
Min
Typ
Max
Unit
ISWND1Q
Quiescent current
Auto skip mode
—
150
250
µA
RONSWND1HS
SWND1 high-side P-MOSFET RDS(on)
[1] —
—
135
mΩ
RONSWND1LS
SWND1 low-side N-MOSFET RDS(on)
[1] —
—
80
mΩ
RSWND1DIS
SWND1 discharge resistance (normal operation)
—
100
200
Ω
RSWND1TBB
SWND1 discharge resistance during TBB mode
TBBEN = 1 and QPU_OFF state
1.0
2.0
3.0
kΩ
[1]
Max RDS(on) does not include bondwire resistance. Consider +/- 50 % tolerance to account for bondwire and pin loss.
Table 53. Recommended external components
Symbol
Parameter
Min
Typ
Max
Unit
L
Output inductor
Maximum inductor DC resistance 50 mΩ
Minimum saturation current at full load: 3.0 A
[1]
0.47
1.0
1.5
µH
Cout
Output capacitor
Use 2 × 22 μF, 6.3 V X7T ceramic capacitor to
reduce output capacitance ESR
—
44
—
µF
Cin
Input capacitor
4.7 μF, 10 V X7R ceramic capacitor
—
4.7
—
µF
[1]
Keep inductor DCR as low as possible to improve regulator efficiency.
15.5 Linear regulator
The PF5020 has one low-dropout (LDO) regulator with the following features:
• 400 mA current capability
• Input voltage range from 2.5 V to 5.5 V
• Programmable output voltage between 1.5 V and 5.0 V
• Soft-start ramp control during power up (enable)
• Discharge mechanism during power down (disable)
• OTP programmable load switch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com