Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 82Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 83Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 84Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 85Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
82 / 105
MR
ADDR
FUSE
ADDR
Register name BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
BD
1D
OTP SW4
PWRUP
Reserved
BE
1E
OTP SW4
CONFIG1
Reserved
Reserved
Reserved
Reserved
BF
1F
OTP SW4
CONFIG2
Reserved
Reserved
—
Reserved
Reserved
C0
20
OTP SWND1_
VOLT
—
—
—
OTP_VSWND1[4:0]
C1
21
OTP SWND1
PWRUP
OTP_SWND1_SEQ[7:0]
C2
22
OTP SWND1
CONFIG1
OTP_SWND1UV_TH[1:0]
OTP_SWND1OV_TH[1:0]
OTP_SWND1_PDGRP[1:0]
OTP_SWND1ILIM[1:0]
C3
23
OTP SWND1
CONFIG2
OTP_SWND1_LSELECT[1:0]
OTP_SWND1PHASE[2:0
—
OTP_SWND1_
PG_EN
OTP_SWND1_
WDBYPASS
C4
24
OTP LDO1
VOLT
OTP_LDO1UV_TH[1:0]
OTP_LDO1OV_TH[1:0]
OTP_VLDO1[3:0]
C5
25
OTP LDO1
PWRUP
OTP_LDO1_SEQ[7:0]
C6
26
OTP LDO1
CONFIG
OTP_LDO1_PDGRP[1:0]
—
—
—
OTP_LDO1_PG_EN
OTP_LDO1_
WDBYPASS
OTP_LDO1LS
C7
27
OTP VSNVS
CONFIG
—
—
—
—
—
—
OTP_VSNVSVOLT [1:0]
C8
28
OTP_OV_
BYPASS1
—
OTP_SWND1_
OVBYPASS
—
—
Reserved
Reserved
OTP_SW1_
OVBYPASS
OTP_SW1_
OVBYPASS
C9
29
OTP_OV_
BYPASS2
—
—
—
—
—
—
—
Reserved
CA
2A
OTP_UV_
BYPASS1
—
OTP_SWND1_
UVBYPASS
—
—
Reserved
Reserved
OTP_
LDO1UVBYPASS
OTP_SW1_
UVBYPASS
CB
2B
OTP_UV_
BYPASS2
—
—
—
—
—
—
—
Reserved
CC
2C
OTP_ILIM_
BYPASS1
—
OTP_SWND1_
ILIMBYPASS
—
—
Reserved
Reserved
OTP_SW1_
ILIMBYPASS
OTP_SW1_
ILIMBYPASS
CD
2D
OTP_ILIM_
BYPASS2
—
—
—
—
—
—
OTP_LDO1_
ILIMBYPASS
Reserved
CE
2E
OTP_PROG_
IDH
—
—
—
—
OTP_PROG_ID11
OTP_PROG_ID10
OTP_PROG_ID9
OTP_PROG_ID8
CF
2F
OTP_PROG_
IDL
OTP_PROG_ID7
OTP_PROG_ID6
OTP_PROG_ID5
OTP_PROG_ID4
OTP_PROG_ID3
OTP_PROG_ID2
OTP_PROG_ID1
OTP_PROG_ID0
D0
30
OTP DEBUG1
—
—
—
—
—
—
—
BGMON_BYPASS
D1
31
OTP SW
COMP1
—
—
OTP_SW2_GM_COMP[2:0]
OTP_SW1_GM_COMP[2:0]
D2
32
OTP SW
COMP2
—
—
Reserved
Reserved
D3
33
OTP SW
COMP3
OTP_SWND1_GM
OTP_SWND1_RC
—
—
—
—
—
—
D4
34
OTP SW RAMP
Reserved
Reserved
OTP_SW2DVS_RAMP[1:0]
OTP_SW1DVS_RAMP[1:0]
D5
35
OTP_SO_
CRC_LSB
OTP_SO_CRC_LSB[7:0]
D6
36
OTP_SO_
CRC_MSB
OTP_SO_CRC_MSB[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com