| Electronic Components Datasheet Search |
|
MPF5020AMBA0ES Datasheet(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF5020AMBA0ES Datasheet(HTML) 92 Page - NXP Semiconductors |
|
92 / 105 page ![]() NXP Semiconductors PF5020 Power management integrated circuit (PMIC) for high performance applications PF5020 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 1 — 15 April 2020 92 / 105 • When OTP_BGMON_BYPASS = 1, The bandgap monitor only sends an interrupt to the system to announce the bandgap failure. The BGMON_I is asserted when a bandgap failure occurs, provided it is not masked. The BGMON_S bit is set to 0 when the bandgaps are within range, and set to 1 when the bandgaps are out of range. 18.3 ABIST verification The PF5020 ASIL B implements an ABIST verification of all output voltage monitors as well as PGOOD pin. The ABIST verification on the output voltage monitoring behaves as follows: • Device tests the OV comparators for each individual SWx and LDOx supply during the self-test routine • Device tests the UV comparators for each individual SWx and LDOx supply during the self-test routine • During the ABIST verification, it is required to ensure the corresponding OV/UV comparators are able to toggle, which in turn is a sign of the integrity of these functions • If any of the comparators is not able to toggle, a warning bit is set on the I2C register map. – The ABIST_OV1 register contain the AB_SWx_OV bits for all external regulators. – The ABIST_OV2 register contain the AB_LDOx_OV bits for all external regulators. – The ABIST_UV1 register contain the AB_SWx_UV bits for all external regulators. – The ABIST_UV2 register contain the AB_LDOx_UV bits for all external regulators. • The ABIST registers are cleared or overwritten each time the ABIST check is performed. • The ABIST registers are part of the secure registers and will require an I2C secure write to be cleared if this feature is enabled. Once ABIST check is performed, the PF5020 can proceed with the power up sequence and the MCU should be able to request the value of these registers and learn if ABIST failed for any of the voltage monitors. The AB_RUN bit is provided to perform an ABIST verification on demand. When the AB_RUN bit is set to 1, the control logic perform an ABIST verification on all OV/UV monitoring circuits. When the ABIST verification is finished, the AB_RUN bit self- clear to 0 and a new ABIST verification can be commanded as needed. When the secure write feature is enabled, the system must perform a secure write sequence in order to start an ABIST verification on demand. When the PF5020 performs an ABIST verification on demand, the OV/UV fault monitoring is blanked for a maximum period of 200 µs. During this time, the system must ensure it is in a safe state, or it is safe to perform this action without violating the safety goals of the system. If a failure on the OV/UV monitor is detected during the ABIST on demand request, the PMIC will assert the corresponding ABIST flags. It is responsibility of the system to perform a diagnostic check after each ABIST verification to ensure it places the system in safe state if an ABIST fault is detected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |