| Electronic Components Datasheet Search |
|
MPF5020AMBA0ES Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF5020AMBA0ES Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 105 page ![]() NXP Semiconductors PF5020 Power management integrated circuit (PMIC) for high performance applications PF5020 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 1 — 15 April 2020 12 / 105 Symbol Description Conditions Transitory QPU_Off state, power ON event occurs from LP_Off state, after self-test is passed, QPU_Off is just a transitory state until power up sequence starts. 1. LPM_OFF = 0 && TBBEN = Low && TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK=0 Power up event from QPU_Off state 2. LPM_OFF = 1 && (PWRON = 1 && OTP_PWRON_MODE = 0) && UVDET < VIN < VIN_OVLO (or VIN_OVLO disabled && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK=0 Power up event from QPU_Off state 3. LPM_OFF = 1 && (PWRON H to L && OTP_PWRON_MODE = 1) && UVDET < VIN < VIN_OVLO (or VIN_OVLO disabled) && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK=0 Power up event from QPU_Off state 4. TBBEN = High && (PWRON = 1 && OTP_PWRON_MODE = 0) && UVDET < VIN < VIN_OVLO (or VIN_OVLO disabled && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK=0 Transition L QPU_Off to power up Power up event from QPU_Off state 5. TBBEN = High && (PWRON H to L && OTP_PWRON_MODE = 1) && UVDET < VIN < VIN_OVLO (or VIN_OVLO disabled) && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK=0 Transition M Power up sequence to system ON 1. RESETBMCU is released as part of the power up sequence Requested turn off event 1. OTP_PWRON_MODE = 0 && PWRON = 0 Requested turn off event 2. OTP_PWRON_MODE = 1 && (PWRON H to L && PWRON = low for t > TRESET) Requested turn off event 3. PMIC_OFF = 1 && 500µs_Shutdown_Timer_Expired Transition N System ON to power down (turn off) Protective turn off event (no PMIC fault) 4. VIN_OVLO_SDWN=1 && VIN_OVLO detected for longer than VIN_OVLO_DBNC time Turn off event due to PMIC fault 1. Fault timer expired Turn off event due to PMIC fault 2. FAULT_CNT = FAULT_MAX_CNT Transition Z System ON to power down (fault) Turn off event due to PMIC fault 3. Thermal shutdown Tj > TSD Transition O Power down (turn off) to LP_Off Requested turn off event moves directly to LP_Off 1. Power down sequences finished Transition Q Power up to power down (fault) Power up failure 1. Failure during power up sequence |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |