Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
41 / 105
• When OTP_WDI_INV = 1, the device starts a WD event on the rising edge of the WDI.
A 10 µs debounce filter is implemented on either rising or falling edge detection to
prevent false WDI signals to start a watchdog event.
The WDI_MODE bit allows the WDI pin to react in two different ways:
• When WDI_MODE = 1, a WDI asserted performs a hard WD reset.
• When WDI_MODE = 0, a WDI asserted performs a soft WD reset.
The default value of the WDI_MODE bit is set by the OTP _WDI_MODE bit in the OTP
register space.
The WDI_STBY_ACTIVE bit allows the WDI pin to generate a watchdog event during the
standby state.
• When WDI_STBY_ACTIVE = 0, asserting the WDI will not generate a watchdog event
during the standby state.
• When WDI_STBY_ACTIVE = 1, asserting the WDI will start a watchdog event during
the standby state.
The OTP_WDI_STBY_ACTIVE is used to configure whether the WDI is active in the
standby state or not by default upon power up.
See Section 15.10 "Watchdog event management" for details on watchdog event.
14.9.6 PGOOD
PGOOD is an open drain output programmable as a power good indicator pin or GPO. In
the application, PGOOD can be pulled up to VDDIO with a 100 kΩ resistor.
When OTP_PG_ACTIVE = 0, the PGOOD pin is used as a general purpose output.
As a GPO, during the run state, the state of the pin is controlled by the RUN_PG_GPO
bit in the functional I2C registers:
• When RUN_PG_GPO = 1, the PGOOD pin is high
• When RUN_PG_GPO = 0, the PGOOD pin is low
During the standby state, the state of the pin is controlled by the STBY_PG_GPO bit in
the functional I2C registers:
• When STBY_PG_GPO = 1, the PGOOD pin is high
• When STBY_PG_GPO = 0, the PGOOD pin is low
When used as a GPO, the PGOOD pin can be enabled high as part of the
power up sequence as programmed by the OTP_SEQ_TBASE[1:0] and the
OTP_PGOOD_SEQ[7:0] bits. If enabled as part of the power up sequence, both the
RUN_PG_GPO and STBY_PG_GPO bits are loaded with 1, otherwise they are loaded
with 0 upon power up.
When OTP_PG_ACTIVE = 1, the PGOOD pin is in Power good (PG) mode and it acts as
a PGOOD indicator for the selected output voltages in the PF5020.
There is an individual PG monitor for every regulator. Each monitor provides an internal
PG signal that can be selected to control the status of the PGOOD pin upon an OV or UV
condition when the corresponding SWxPG_EN / LDO1PG_EN bits are set. The status
of the PGOOD pin is a logic AND function of the internal PG signals of the selected
monitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com