Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 20Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 21Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 22Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
19 / 105
value of the VIN_OVLO_SDWN bit is set by the OTP_VIN_OVLO_SDWN upon power
up.
During a power up transition, if the OTP_VIN_OVLO_SDWN = 0 the device allows the
external regulators to come up and the PF5020 announces the VIN_OVLO condition
through an interrupt. If the OTP_VIN_OVLO_SDWN = 1, the device stops the power up
sequence and returns to the corresponding Off mode.
Debounce on the VIN_OVLO comparator is programmable to 10 µs, 100 µs or 1.0 ms, by
the VIN_OVLO_DBNC[1:0] bits. The default value for the VIN_OVLO debounce is set by
the OTP_VIN_OVLO_DBNC[1:0] bits upon power up.
Table 13. VIN_OVLO debounce configuration
VIN_OVLO_DBNC[1:0]
VIN OVLO debounce value (µs)
00
10
01
100
10
1000
11
Reserved
Table 14. VIN_OVLO specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIN_OVLO
VIN overvoltage lockout rising
[1] 5.6
5.8
6.0
V
VIN_OVLO_HYS
VIN overvoltage lockout hysteresis
[1] —
—
200
mV
[1]
Operating the device above the maximum VIN = 5.5 V for extended period of time may degrade and cause permanent
damage to the device.
14.3 IC startup timing with PWRON pulled up
The PF5020 features a fast internal core power up sequence to fulfill system power
up timings of 5.0 ms or less, from power application until MCU is out of reset. Such
requirement needs a maximum ramp up time of 1.5 ms for VIN to cross the UVDET
threshold in the rising edge.
A maximum core biasing time of 1.5 ms from VIN crossing to UVDET until the beginning
of the power up sequence is ensured to allow up to 1.5 ms time frame for the voltage
regulators power up sequence.
Timing for the external regulators to start up is programmed by default in the OTP fuses.
The 5.0 ms power up timing requirement is only applicable when the PWRON pin
operates in level sensitive mode OTP_PWRON_MODE = 0, however turn on timing is
expected to be the same for both level or edge sensitive modes after the power on event
is present.
In applications using the VSNVS regulator, if VSNVS is required to reach regulation
before system regulators come up, the system should use the SEQ[7:0] bits to delay the
system regulators to allow enough time for VSNVS to reach regulation before the power
up sequence is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com