Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
58 / 105
Set point
VSWND1[4:0]
VSWND1FB (V)
9
0 1001
1.85
10
0 1010
2.00
11
0 1011
2.10
12
0 1100
2.15
13
0 1101
2.25
14
0 1110
2.30
15
0 1111
2.40
16
1 0000
2.50
17
1 0001
2.80
18
1 0010
3.15
19
1 0011
3.20
20
1 0100
3.25
21
1 0101
3.30
22
1 0110
3.35
23
1 0111
3.40
24
1 1000
3.50
25
1 1001
3.80
26
1 1010
4.00
27
1 1011
4.10
28
1 1100
4.10
29
1 1101
4.10
30
1 1110
4.10
31
1 1111
4.10
Regulator SWND1 is provided with 2 bits to set its mode of operation.
• The SWND1_RUN_MODE[1:0] bits allow the user to change the mode of operation of
the SWND1 regulators during the run state. If the regulator was programmed as part
of the power up sequence, the SWND1_RUN_MODE[1:0] bits are loaded with 0b11
(autoskip) by default. Otherwise, it is loaded with 0b00 (disabled).
• The SWND1_STBY_MODE[1:0] bits allow the user to change the mode of operation
of the SWND1 regulators during the standby state. If the regulator was programmed
as part of the power up sequence, the SWND1_STBY_MODE[1:0] bits are loaded with
0b11 (autoskip) by default. Otherwise, it is loaded with 0b00 (disabled).
Table 48. SWND1 regulator mode configuration
SWND1_MODE[1:0]
Mode of operation
00
OFF
01
PWM mode
10
PFM mode
11
Autoskip mode
The SWND1_MODE_I interrupt asserts the INTB pin when the SWND1 regulator has
changed the mode of operation, provided the corresponding interrupt is not masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com