Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
42 / 105
• When the PG_EN = 1, the corresponding regulator becomes part of the AND function
that controls the PGOOD pin.
• When the PG_EN = 0, the corresponding regulator does not control the status of the
PGOOD pin.
The PGOOD pin is pulled low when any of the selected regulator outputs falls above
or below the programmed OV/UV thresholds and the corresponding OV/UV interrupt is
generated. If the faulty condition is removed, the corresponding OV_S/UV_S bit goes low
to indicate the output is back in regulation, however, the interrupt remains latched until it
is cleared.
The actual condition causing the interrupt (OV, UV) can be read in the fault interrupt
registers. For more details on handling interrupts, see Section 14.8 "Interrupt
management".
When a particular regulator is disabled (via OTP, or I2C, or by change in state of PMIC
such as going to standby mode), it no longer controls the PGOOD pin.
In the Off mode and during the power up sequence, the PGOOD pin is held low until
RESETBMCU is ready to be released, at this point, the PG monitors are unmasked and
the PGOOD pin is released high if all the internal PG monitors are in regulation. In the
event that one or more outputs are not in regulation by the time RESETBMCU is ready to
de-assert, the PGOOD pin is held low and the PF5020 performs the corresponding fault
protection mechanism as described in Section 14.7.1 "Fault monitoring during power up
state".
14.9.7 PGOODx
The PGOODx pins are open drain outputs to provide the power good status of each
regulator. In the application, PGOODx can be pulled up to VDDIO with a 100 kΩ resistor.
The PGOODx pin is pulled low when the corresponding regulator output falls above or
below the programmed OV/UV thresholds.
The actual condition causing the interrupt (OV, UV) can be read in the fault interrupt
registers. For more details on handling interrupts, see Section 14.8 "Interrupt
management".
Table 31. PGOODx assignment
Pin
PF5020 regulator
PGOOD1
SW1
PGOOD2
SW2
PGOOD3
SWND1
PGOOD4
LDO1
14.9.8 ENx
The ENx input pin is used to enable or disable the dedicated regulator via hardware.
When the ENx pin is asserted high, the corresponding regulator is controlled by
SWx_RUN_MODE. SWND1_RUN_MODE and LDO1_RUN_EN during the run state, and
SWx_STBY_MODE, SWND1_STBY_MODE and LDO1_STBY_EN in standby state.
When the ENx pin is asserted low, the corresponding regulator is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com