Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 65Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
63 / 105
Set point
VLDO1_RUN[3:0]
VLDO1_STBY[3 :0]
VLDO1 output (V)
3
0011
1.85
4
0100
2.15
5
0101
2.5
6
0110
2.8
7
0111
3.0
8
1000
3.1
9
1001
3.15
10
1010
3.2
11
1011
3.3
12
1100
3.35
13
1101
4.0
14
1110
4.9
15
1111
5.0
15.5.1 LDO load switch operation
When the LDO1LS bit is set to 1, the corresponding LDO operates as a load switch,
allowing a pass-through from the LDO1VIN to the LDO1VOUT output through a typical
130 mΩ resistance. In this mode of operation, the input must be kept inside the LDO
operating input voltage range (2.5 V to 5.5 V)
The LDO1EN bit is used to enable or disable the switch.
15.5.2 LDO regulator electrical characteristics
Table 56. LDO regulator electrical characteristics
All parameters are specified at TA = −40 to 125 °C, VLDO1IN = 2.5 V to 5.5 V, VLDO1 = 1.8 V, ILDO1 = 100 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VLDO1IN = 5.5 V, VLDO1 = 1.8 V, ILDO1 = 100
mA, and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
VLDO1IN
LDO1 operating input voltage range
1.5 V ≤ VLDO1 < 2.25 V
2.5
—
5.5
V
VLDO1IN
LDO1 operating input voltage range
2.25 V < VLDO1 < 5.0 V
VLDO1NOM + 0.25
—
5.5
V
ILDO1
Maximum load current
400
—
—
mA
VLDO1TOL
Output voltage tolerance
1.5 V ≤ VLDO1 ≤ 5.0 V
0 mA < ILDO1 ≤ 400 mA
−3.0
—
3.0
%
VLDO1LOR
Load regulation
—
0.10
0.20
mV/mA
VLDO1LIR
Line regulation
—
1.0
20
mV/V
ILDO1LIM
Current limit
ILDO1 when VLDO1 is forced to VLDO1NOM/2
450
800
1200
mA
ILDO1Q
Quiescent current (measured at TA = 25 °C)
—
9.4
12.5
μA
RDS(on)
Drop-out/load switch on resistance
VLDOINx = 3.3 V (at TJ =125 °C)
[1]
—
—
130
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com