Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMBA0ES Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 90Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 91Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 92Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 93Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 94Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 95Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 96Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 97Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
94 / 105
20 Typical applications
aaa-030000
PF5020
FAIL-SAFE
CONTROL
ENx
STATUS FLG
from MCU
ENx
VDDOTP
TBBEN
WATCHDOG
MONITORING
4
WD TIMER
LOGIC
CONTROL
PGOOD
ABIST
PGOOD
MONITOR
4
100 kΩ
100 kΩ
100 kΩ
100 kΩ
100 kΩ
1 µH
2 x 22 µF
4.7 µF
SW1FB
VSW1
VIN
SW1
OV/UV
MONITOR
TEMP SENSE
SW1
ABIST
SW1LX
SW1IN
1 µH
2 x 22 µF
4.7 µF
SW2FB
VSW2
VIN
SW2
OV/UV
MONITOR
TEMP SENSE
SW2
ABIST
SW2LX
SW2IN
1 µH
2 x 22 µF
4.7 µF
SWND1FB
VSWND1
VIN
1.0 µF
VIN
SWND1
OV/UV
MONITOR
TEMP SENSE
SWND1
TEMP SENSE
LDO1
ABIST
SWND1LX
SWND1IN
LDO1
OV/UV
MONITOR
LDO1OUT
EP
LDO1IN
ABIST
4.7 µF
2.2 µF
VIN
CLOCK MANAGEMENT
100 KH CLOCK
20 MHz CLOCK +/-25 %
SPREAD SPECTRUM
CLOCK SYNCHRONIZATION
20 MHz OSC DIAGNOSTIC
MUX
Syncin
I2C CONTROL
MIRROR
REGISTERS
FUSE CRC
VERIFICATION
OTP/
TRIM
MEMORY
FUNCTIONAL
REGISTERS
THERMAL
MONITOR
TEMP
SENSE MAIN
SYNC
SDA
SCL
VDDIO
I2C DATA
I2C CLK
I/O supply
(SWx/LDOx)
sync CLK
VSNVS
VSNVS
functional block
functional safety block
VIN
VIN
Syncout
BANDGAP
COMPARATOR
BG2
VIN OVLO
UVDET
BG1
V1P5A POR
V1P5A
V1P5D
VSNVS
I2C CRC
V1P5D POR
IREF 2
IREF 1
1.0 µF
V1P5D
V1P5D
1.0 µF
V1P5A
V1P5A
GND
2.2 kΩ
2.2 kΩ
1.0 µF
LDO1OUT
Figure 37. Typical application diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com