Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 59Page - ATMEL Corporation ATmega165V Datasheet HTML 60Page - ATMEL Corporation ATmega165V Datasheet HTML 61Page - ATMEL Corporation ATmega165V Datasheet HTML 62Page - ATMEL Corporation ATmega165V Datasheet HTML 63Page - ATMEL Corporation ATmega165V Datasheet HTML 64Page - ATMEL Corporation ATmega165V Datasheet HTML 65Page - ATMEL Corporation ATmega165V Datasheet HTML 66Page - ATMEL Corporation ATmega165V Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 336 page
background image
63
ATmega165/V
2573G–AVR–07/09
• OC1A/PCINT13, Bit 5
OC1A, Output Compare Match A output: The PB5 pin can serve as an external output
for the Timer/Counter1 Output Compare A. The pin has to be configured as an output
(DDB5 set (one)) to serve this function. The OC1A pin is also the output pin for the PWM
mode timer function.
PCINT13, Pin Change Interrupt Source 13: The PB5 pin can serve as an external inter-
rupt source.
• OC0A/PCINT12, Bit 4
OC0A, Output Compare Match A output: The PB4 pin can serve as an external output
for the Timer/Counter0 Output Compare A. The pin has to be configured as an output
(DDB4 set (one)) to serve this function. The OC0A pin is also the output pin for the PWM
mode timer function.
PCINT12, Pin Change Interrupt Source 12: The PB4 pin can serve as an external inter-
rupt source.
• MISO/PCINT11 – Port B, Bit 3
MISO: Master Data input, Slave Data output pin for SPI. When the SPI is enabled as a
Master, this pin is configured as an input regardless of the setting of DDB3. When the
SPI is enabled as a Slave, the data direction of this pin is controlled by DDB3. When the
pin is forced to be an input, the pull-up can still be controlled by the PORTB3 bit.
PCINT11, Pin Change Interrupt Source 11: The PB3 pin can serve as an external inter-
rupt source.
• MOSI/PCINT10 – Port B, Bit 2
MOSI: SPI Master Data output, Slave Data input for SPI. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB2. When the SPI
is enabled as a Master, the data direction of this pin is controlled by DDB2. When the pin
is forced to be an input, the pull-up can still be controlled by the PORTB2 bit.
PCINT10, Pin Change Interrupt Source 10: The PB2 pin can serve as an external inter-
rupt source.
• SCK/PCINT9 – Port B, Bit 1
SCK: Master Clock output, Slave Clock input pin for SPI. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB1. When the SPI
is enabled as a Master, the data direction of this pin is controlled by DDB1. When the pin
is forced to be an input, the pull-up can still be controlled by the PORTB1 bit.
PCINT9, Pin Change Interrupt Source 9: The PB1 pin can serve as an external interrupt
source.
•SS/PCINT8 – Port B, Bit 0
SS: Slave Port Select input. When the SPI is enabled as a Slave, this pin is configured
as an input regardless of the setting of DDB0. As a Slave, the SPI is activated when this
pin is driven low. When the SPI is enabled as a Master, the data direction of this pin is
controlled by DDB0. When the pin is forced to be an input, the pull-up can still be con-
trolled by the PORTB0 bit
PCINT8, Pin Change Interrupt Source 8: The PB0 pin can serve as an external interrupt
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com