Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 18Page - ATMEL Corporation ATmega165V Datasheet HTML 19Page - ATMEL Corporation ATmega165V Datasheet HTML 20Page - ATMEL Corporation ATmega165V Datasheet HTML 21Page - ATMEL Corporation ATmega165V Datasheet HTML 22Page - ATMEL Corporation ATmega165V Datasheet HTML 23Page - ATMEL Corporation ATmega165V Datasheet HTML 24Page - ATMEL Corporation ATmega165V Datasheet HTML 25Page - ATMEL Corporation ATmega165V Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 336 page
background image
22
ATmega165/V
2573G–AVR–07/09
Keep the AVR RESET active (low) during periods of insufficient power supply voltage.
This can be done by enabling the internal Brown-out Detector (BOD). If the detection
level of the internal BOD does not match the needed detection level, an external low
V
CC reset Protection circuit can be used. If a reset occurs while a write operation is in
progress, the write operation will be completed provided that the power supply voltage is
sufficient.
I/O Memory
The I/O space definition of the ATmega165 is shown in “Register Summary” on page
319.
All ATmega165 I/Os and peripherals are placed in the I/O space. All I/O locations may
be accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data
between the 32 general purpose working registers and the I/O space. I/O Registers
within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI
instructions. In these registers, the value of single bits can be checked by using the
SBIS and SBIC instructions. Refer to the instruction set section for more details. When
using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be
used. When addressing I/O Registers as data space using LD and ST instructions, 0x20
must be added to these addresses. The ATmega165 is a complex microcontroller with
more peripheral units than can be supported within the 64 location reserved in Opcode
for the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM,
only the ST/STS/STD and LD/LDS/LDD instructions can be used.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike
most other AVRs, the CBI and SBI instructions will only operate on the specified bit, and
can therefore be used on registers containing such Status Flags. The CBI and SBI
instructions work with registers 0x00 to 0x1F only.
The I/O and peripherals control registers are explained in later sections.
General Purpose I/O Registers The ATmega165 contains three General Purpose I/O Registers. These registers can be
used for storing any information, and they are particularly useful for storing global vari-
ables and Status Flags. General Purpose I/O Registers within the address range 0x00 -
0x1F are directly bit-accessible using the SBI, CBI, SBIS, and SBIC instructions.
General Purpose I/O Register
2 – GPIOR2
General Purpose I/O Register
1 – GPIOR1
General Purpose I/O Register
0 – GPIOR0
Bit
7654
321
0
MSB
LSB
GPIOR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
MSB
LSB
GPIOR1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
MSB
LSB
GPIOR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com