Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 61Page - ATMEL Corporation ATmega165V Datasheet HTML 62Page - ATMEL Corporation ATmega165V Datasheet HTML 63Page - ATMEL Corporation ATmega165V Datasheet HTML 64Page - ATMEL Corporation ATmega165V Datasheet HTML 65Page - ATMEL Corporation ATmega165V Datasheet HTML 66Page - ATMEL Corporation ATmega165V Datasheet HTML 67Page - ATMEL Corporation ATmega165V Datasheet HTML 68Page - ATMEL Corporation ATmega165V Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 336 page
background image
65
ATmega165/V
2573G–AVR–07/09
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 30.
The alternate pin configuration is as follows:
• INT0 – Port D, Bit 1
INT0, External Interrupt Source 0. The PD1 pin can serve as an external interrupt
source to the MCU.
• ICP1 – Port D, Bit 0
ICP1 – Input Capture pin1: The PD0 pin can act as an Input Capture pin for
Timer/Counter1.
Table 31 relates the alternate functions of Port D to the overriding signals shown in Fig-
ure 26 on page 60.
Table 30. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
–
PD6
–
PD5
–
PD4
–
PD3
–
PD2
–
PD1
INT0 (External Interrupt0 Input )
PD0
ICP1 (Timer/Counter1 Input Capture pin)
Table 31. Overriding Signals for Alternate Functions in PD3..PD0
Signal
Name
PD3
PD2
PD1/INT0
PD0/ICP1
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
0
0
PVOV
0
0
0
0
PTOE
–
–
–
–
DIEOE
0
0
INT0 ENABLE
DIEOV
0
0
INT0 ENABLE
0
DI
–
–
INT0 INPUT
ICP1 INPUT
AIO
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com