Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 20Page - ATMEL Corporation ATmega165V Datasheet HTML 21Page - ATMEL Corporation ATmega165V Datasheet HTML 22Page - ATMEL Corporation ATmega165V Datasheet HTML 23Page - ATMEL Corporation ATmega165V Datasheet HTML 24Page - ATMEL Corporation ATmega165V Datasheet HTML 25Page - ATMEL Corporation ATmega165V Datasheet HTML 26Page - ATMEL Corporation ATmega165V Datasheet HTML 27Page - ATMEL Corporation ATmega165V Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 336 page
background image
24
ATmega165/V
2573G–AVR–07/09
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and
I/O clocks in order to reduce noise generated by digital circuitry. This gives more accu-
rate ADC conversion results.
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as
shown below. The clock from the selected source is input to the AVR clock generator,
and routed to the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
The various choices for each clocking option is given in the following sections. When the
CPU wakes up from Power-down or Power-save, the selected clock source is used to
time the start-up, ensuring stable Oscillator operation before instruction execution starts.
When the CPU starts from reset, there is an additional delay allowing the power to reach
a stable level before commencing normal operation. The Watchdog Oscillator is used
for timing this real-time part of the start-up time. The number of WDT Oscillator cycles
used for each time-out is shown in Table 3. The frequency of the Watchdog Oscillator is
voltage dependent as shown in “ATmega165 Typical Characteristics” on page 285.
Default Clock Source
The device is shipped with CKSEL = “0010”, SUT = “10”, and CKDIV8 programmed.
The default clock source setting is the Internal RC Oscillator with longest start-up time
and an initial system clock prescaling of 8. This default setting ensures that all users can
make their desired clock source setting using an In-System or Parallel programmer.
Table 2. Device Clocking Options Select(1)
Device Clocking Option
CKSEL3..0
External Crystal/Ceramic Resonator
1111 - 1000
External Low-frequency Crystal
0111 - 0110
Calibrated Internal RC Oscillator
0010
External Clock
0000
Reserved
0011, 0001, 0101, 0100
Table 3. Number of Watchdog Oscillator Cycles
Typ Time-out (VCC = 5.0V)
Typ Time-out (VCC = 3.0V)
Number of Cycles
4.1 ms
4.3 ms
4K (4,096)
65 ms
69 ms
64K (65,536)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com