Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 38 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 34Page - ATMEL Corporation ATmega165V Datasheet HTML 35Page - ATMEL Corporation ATmega165V Datasheet HTML 36Page - ATMEL Corporation ATmega165V Datasheet HTML 37Page - ATMEL Corporation ATmega165V Datasheet HTML 38Page - ATMEL Corporation ATmega165V Datasheet HTML 39Page - ATMEL Corporation ATmega165V Datasheet HTML 40Page - ATMEL Corporation ATmega165V Datasheet HTML 41Page - ATMEL Corporation ATmega165V Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 336 page
background image
38
ATmega165/V
2573G–AVR–07/09
Figure 14. Reset Logic
Notes:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT
(falling)
Table 16. Reset Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold
Voltage (rising)
T
A = -40°C
to 85°C
0.7
1.0
1.4
V
Power-on Reset Threshold
Voltage (falling)(1)
TA = -40°C
to 85°C
0.6
0.9
1.3
V
VRST
RESET Pin Threshold Voltage
VCC = 3V
0.2 VCC
0.9 VCC
V
tRST
Minimum pulse width on
RESET Pin
VCC = 3V
2.5
µs
MCU Status
Register (MCUSR)
Brown-out
Reset Circuit
BODLEVEL [2..0]
Delay Counters
CKSEL[3:0]
CK
TIMEOUT
DATA BUS
Clock
Generator
SPIKE
FILTER
Pull-up Resistor
JTAG Reset
Register
Watchdog
Oscillator
SUT[1:0]
Power-on Reset
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com