Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 16Page - ATMEL Corporation ATmega165V Datasheet HTML 17Page - ATMEL Corporation ATmega165V Datasheet HTML 18Page - ATMEL Corporation ATmega165V Datasheet HTML 19Page - ATMEL Corporation ATmega165V Datasheet HTML 20Page - ATMEL Corporation ATmega165V Datasheet HTML 21Page - ATMEL Corporation ATmega165V Datasheet HTML 22Page - ATMEL Corporation ATmega165V Datasheet HTML 23Page - ATMEL Corporation ATmega165V Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 336 page
background image
20
ATmega165/V
2573G–AVR–07/09
The following code examples show one assembly and one C function for writing to the
EEPROM. The examples assume that interrupts are controlled (e.g. by disabling inter-
rupts globally) so that no interrupts will occur during execution of these functions. The
examples also assume that no Flash Boot Loader is present in the software. If such
code is present, the EEPROM write function must also wait for any ongoing SPM com-
mand to finish.
Assembly Code Example
EEPROM_write:
; Wait for completion of previous write
sbic
EECR,EEWE
rjmp
EEPROM_write
; Set up address (r18:r17) in address register
out
EEARH, r18
out
EEARL, r17
; Write data (r16) to Data Register
out
EEDR,r16
; Write logical one to EEMWE
sbi
EECR,EEMWE
; Start eeprom write by setting EEWE
sbi
EECR,EEWE
ret
C Code Example
void
EEPROM_write(unsigned int uiAddress, unsigned char ucData)
{
/* Wait for completion of previous write */
while(EECR & (1<<EEWE))
;
/* Set up address and Data Registers */
EEAR = uiAddress;
EEDR = ucData;
/* Write logical one to EEMWE */
EECR |= (1<<EEMWE);
/* Start eeprom write by setting EEWE */
EECR |= (1<<EEWE);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com