Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 22Page - ATMEL Corporation ATmega165V Datasheet HTML 23Page - ATMEL Corporation ATmega165V Datasheet HTML 24Page - ATMEL Corporation ATmega165V Datasheet HTML 25Page - ATMEL Corporation ATmega165V Datasheet HTML 26Page - ATMEL Corporation ATmega165V Datasheet HTML 27Page - ATMEL Corporation ATmega165V Datasheet HTML 28Page - ATMEL Corporation ATmega165V Datasheet HTML 29Page - ATMEL Corporation ATmega165V Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 336 page
background image
26
ATmega165/V
2573G–AVR–07/09
Notes:
1. These options should only be used when not operating close to the maximum fre-
quency of the device, and only if frequency stability at start-up is not important for the
application. These options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure fre-
quency stability at start-up. They can also be used with crystals when not operating
close to the maximum frequency of the device, and if frequency stability at start-up is
not important for the application.
Low-frequency Crystal
Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the low-frequency
crystal Oscillator must be selected by setting the CKSEL Fuses to “0110” or “0111”. The
crystal should be connected as shown in Figure 12. When this Oscillator is selected,
start-up times are determined by the SUT Fuses as shown in Table 6 and CKSEL1..0 as
shown in Table 7.
Table 5. Start-up Times for the Crystal Oscillator Clock Selection
CKSEL0
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
Recommended Usage
0
00
258 CK(1)
14CK + 4.1 ms
Ceramic resonator, fast
rising power
0
01
258 CK(1)
14CK + 65 ms
Ceramic resonator,
slowly rising power
010
1K CK(2)
14CK
Ceramic resonator,
BOD enabled
011
1K CK(2)
14CK + 4.1 ms
Ceramic resonator, fast
rising power
100
1K CK(2)
14CK + 65 ms
Ceramic resonator,
slowly rising power
1
01
16K CK
14CK
Crystal Oscillator, BOD
enabled
1
10
16K CK
14CK + 4.1 ms
Crystal Oscillator, fast
rising power
1
11
16K CK
14CK + 65 ms
Crystal Oscillator,
slowly rising power
Table 6. Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT1..0
Additional Delay from Reset (VCC = 5.0V)
Recommended Usage
00
14CK
Fast rising power or BOD enabled
01
14CK + 4.1 ms
Slowly rising power
10
14CK + 65 ms
Stable frequency at start-up
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com