Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 58Page - ATMEL Corporation ATmega165V Datasheet HTML 59Page - ATMEL Corporation ATmega165V Datasheet HTML 60Page - ATMEL Corporation ATmega165V Datasheet HTML 61Page - ATMEL Corporation ATmega165V Datasheet HTML 62Page - ATMEL Corporation ATmega165V Datasheet HTML 63Page - ATMEL Corporation ATmega165V Datasheet HTML 64Page - ATMEL Corporation ATmega165V Datasheet HTML 65Page - ATMEL Corporation ATmega165V Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 336 page
background image
62
ATmega165/V
2573G–AVR–07/09
MCU Control Register –
MCUCR
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn
and PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01).
See “Configuring the Pin” on page 56 for more details about this feature.
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 27.
The alternate pin configuration is as follows:
• OC2A/PCINT15, Bit 7
OC2, Output Compare Match A output: The PB7 pin can serve as an external output for
the Timer/Counter2 Output Compare A. The pin has to be configured as an output
(DDB7 set (one)) to serve this function. The OC2A pin is also the output pin for the PWM
mode timer function.
PCINT15, Pin Change Interrupt source 15: The PB7 pin can serve as an external inter-
rupt source.
• OC1B/PCINT14, Bit 6
OC1B, Output Compare Match B output: The PB6 pin can serve as an external output
for the Timer/Counter1 Output Compare B. The pin has to be configured as an output
(DDB6 set (one)) to serve this function. The OC1B pin is also the output pin for the PWM
mode timer function.
PCINT14, Pin Change Interrupt Source 14: The PB6 pin can serve as an external inter-
rupt source.
Bit
7
6
5
4
3
2
1
0
JTD
–
–PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 27. Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC2A/PCINT15 (Output Compare and PWM Output A for Timer/Counter2 or Pin
Change Interrupt15).
PB6
OC1B/PCINT14 (Output Compare and PWM Output B for Timer/Counter1 or Pin
Change Interrupt14).
PB5
OC1A/PCINT13 (Output Compare and PWM Output A for Timer/Counter1 or Pin
Change Interrupt13).
PB4
OC0A/PCINT12 (Output Compare and PWM Output A for Timer/Counter0 or Pin
Change Interrupt12).
PB3
MISO/PCINT11 (SPI Bus Master Input/Slave Output or Pin Change Interrupt11).
PB2
MOSI/PCINT10 (SPI Bus Master Output/Slave Input or Pin Change Interrupt10).
PB1
SCK/PCINT9 (SPI Bus Serial Clock or Pin Change Interrupt9).
PB0
SS/PCINT8 (SPI Slave Select input or Pin Change Interrupt8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com