Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 83Page - ATMEL Corporation ATmega165V Datasheet HTML 84Page - ATMEL Corporation ATmega165V Datasheet HTML 85Page - ATMEL Corporation ATmega165V Datasheet HTML 86Page - ATMEL Corporation ATmega165V Datasheet HTML 87Page - ATMEL Corporation ATmega165V Datasheet HTML 88Page - ATMEL Corporation ATmega165V Datasheet HTML 89Page - ATMEL Corporation ATmega165V Datasheet HTML 90Page - ATMEL Corporation ATmega165V Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 336 page
background image
87
ATmega165/V
2573G–AVR–07/09
Table 45 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to
phase correct PWM mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case,
the compare match is ignored, but the set or clear is done at TOP. See “Phase Cor-
rect PWM Mode” on page 82 for more details.
• Bit 2:0 – CS02:0: Clock Select
The three Clock Select bits select the clock source to be used by the Timer/Counter.
If external pin modes are used for the Timer/Counter0, transitions on the T0 pin will
clock the counter even if the pin is configured as an output. This feature allows software
control of the counting.
Timer/Counter Register –
TCNT0
The Timer/Counter Register gives direct access, both for read and write operations, to
the Timer/Counter unit 8-bit counter. Writing to the TCNT0 Register blocks (removes)
the compare match on the following timer clock. Modifying the counter (TCNT0) while
the counter is running, introduces a risk of missing a compare match between TCNT0
and the OCR0A Register.
Table 45. Compare Output Mode, Phase Correct PWM Mode
(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
01
Reserved
1
0
Clear OC0A on compare match when up-counting. Set OC0A on
compare match when downcounting.
1
1
Set OC0A on compare match when up-counting. Clear OC0A on
compare match when downcounting.
Table 46. Clock Select Bit Description
CS02
CS01
CS00
Description
0
0
0
No clock source (Timer/Counter stopped)
001
clkI/O/(No prescaling)
010
clkI/O/8 (From prescaler)
011
clkI/O/64 (From prescaler)
100
clkI/O/256 (From prescaler)
101
clkI/O/1024 (From prescaler)
1
1
0
External clock source on T0 pin. Clock on falling edge.
1
1
1
External clock source on T0 pin. Clock on rising edge.
Bit
7654
321
0
TCNT0[7:0]
TCNT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com