Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 85Page - ATMEL Corporation ATmega165V Datasheet HTML 86Page - ATMEL Corporation ATmega165V Datasheet HTML 87Page - ATMEL Corporation ATmega165V Datasheet HTML 88Page - ATMEL Corporation ATmega165V Datasheet HTML 89Page - ATMEL Corporation ATmega165V Datasheet HTML 90Page - ATMEL Corporation ATmega165V Datasheet HTML 91Page - ATMEL Corporation ATmega165V Datasheet HTML 92Page - ATMEL Corporation ATmega165V Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 336 page
background image
89
ATmega165/V
2573G–AVR–07/09
Timer/Counter0 and
Timer/Counter1
Prescalers
Timer/Counter1 and Timer/Counter0 share the same prescaler module, but the
Timer/Counters can have different prescaler settings. The description below applies to
both Timer/Counter1 and Timer/Counter0.
Internal Clock Source
The Timer/Counter can be clocked directly by the system clock (by setting the CSn2:0 =
1). This provides the fastest operation, with a maximum Timer/Counter clock frequency
equal to system clock frequency (f
CLK_I/O). Alternatively, one of four taps from the pres-
caler can be used as a clock source. The prescaled clock has a frequency of either
f
CLK_I/O/8, fCLK_I/O/64, fCLK_I/O/256, or fCLK_I/O/1024.
Prescaler Reset
The prescaler is free running, i.e., operates independently of the Clock Select logic of
the Timer/Counter, and it is shared by Timer/Counter1 and Timer/Counter0. Since the
prescaler is not affected by the Timer/Counter’s clock select, the state of the prescaler
will have implications for situations where a prescaled clock is used. One example of
prescaling artifacts occurs when the timer is enabled and clocked by the prescaler (6 >
CSn2:0 > 1). The number of system clock cycles from when the timer is enabled to the
first count occurs can be from 1 to N+1 system clock cycles, where N equals the pres-
caler divisor (8, 64, 256, or 1024).
It is possible to use the prescaler reset for synchronizing the Timer/Counter to program
execution. However, care must be taken if the other Timer/Counter that shares the
same prescaler also uses prescaling. A prescaler reset will affect the prescaler period
for all Timer/Counters it is connected to.
External Clock Source
An external clock source applied to the T1/T0 pin can be used as Timer/Counter clock
(clk
T1/clkT0). The T1/T0 pin is sampled once every system clock cycle by the pin syn-
chronization logic. The synchronized (sampled) signal is then passed through the edge
detector. Figure 38 shows a functional equivalent block diagram of the T1/T0 synchroni-
zation and edge detector logic. The registers are clocked at the positive edge of the
internal system clock (clk
I/O). The latch is transparent in the high period of the internal
system clock.
The edge detector generates one clk
T1/clkT0 pulse for each positive (CSn2:0 = 7) or neg-
ative (CSn2:0 = 6) edge it detects.
Figure 38. T1/T0 Pin Sampling
The synchronization and edge detector logic introduces a delay of 2.5 to 3.5 system
clock cycles from an edge has been applied to the T1/T0 pin to the counter is updated.
Enabling and disabling of the clock input must be done when T1/T0 has been stable for
at least one system clock cycle, otherwise it is a risk that a false Timer/Counter clock
pulse is generated.
Each half period of the external clock applied must be longer than one system clock
cycle to ensure correct sampling. The external clock must be guaranteed to have less
than half the system clock frequency (f
ExtClk < fclk_I/O/2) given a 50/50% duty cycle. Since
Tn_sync
(To Clock
Select Logic)
Edge Detector
Synchronization
DQ
DQ
LE
DQ
Tn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com