Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega165V Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATmega165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165V Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATmega165V Datasheet HTML 65Page - ATMEL Corporation ATmega165V Datasheet HTML 66Page - ATMEL Corporation ATmega165V Datasheet HTML 67Page - ATMEL Corporation ATmega165V Datasheet HTML 68Page - ATMEL Corporation ATmega165V Datasheet HTML 69Page - ATMEL Corporation ATmega165V Datasheet HTML 70Page - ATMEL Corporation ATmega165V Datasheet HTML 71Page - ATMEL Corporation ATmega165V Datasheet HTML 72Page - ATMEL Corporation ATmega165V Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 336 page
background image
69
ATmega165/V
2573G–AVR–07/09
• TDO, ADC6 – Port F, Bit 6
ADC6, Analog to Digital Converter, Channel 6.
TDO, JTAG Test Data Out: Serial output data from Instruction Register or Data Regis-
ter. When the JTAG interface is enabled, this pin can not be used as an I/O pin. In TAP
states that shift out data, the TDO pin drives actively. In other states the pin is pulled
high.
• TMS, ADC5 – Port F, Bit 5
ADC5, Analog to Digital Converter, Channel 5.
TMS, JTAG Test mode Select: This pin is used for navigating through the TAP-controller
state machine. When the JTAG interface is enabled, this pin can not be used as an I/O
pin.
• TCK, ADC4 – Port F, Bit 4
ADC4, Analog to Digital Converter, Channel 4.
TCK, JTAG Test Clock: JTAG operation is synchronous to TCK. When the JTAG inter-
face is enabled, this pin can not be used as an I/O pin.
• ADC3 - ADC0 – Port F, Bit 3:0
Analog to Digital Converter, Channel 3-0.
Table 36. Overriding Signals for Alternate Functions in PF7..PF4
Signal
Name
PF7/ADC7/TDI
PF6/ADC6/TDO
PF5/ADC5/TMS
PF4/ADC4/TCK
PUOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
PUOV
1
1
1
1
DDOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DDOV
0
SHIFT_IR +
SHIFT_DR
00
PVOE
0
JTAGEN
0
0
PVOV
0
TDO
0
0
PTOE
–
–
–
–
DIEOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
TDI
ADC7 INPUT
ADC6 INPUT
TMS
ADC5 INPUT
TCK
ADC4 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com