Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 204 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 204 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 200Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 201Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 202Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 203Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 204Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 205Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 206Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 207Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 208Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 356 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DN60 Series Data Sheet, Rev 3
204
Freescale Semiconductor
Figure 11-9. IIC Bus Transmission Signals
11.4.1.1
Start Signal
When the bus is free, no master device is engaging the bus (SCL and SDA lines are at logical high), a
master may initiate communication by sending a start signal. As shown in Figure 11-9, a start signal is
defined as a high-to-low transition of SDA while SCL is high. This signal denotes the beginning of a new
data transfer (each data transfer may contain several bytes of data) and brings all slaves out of their idle
states.
11.4.1.2
Slave Address Transmission
The first byte of data transferred immediately after the start signal is the slave address transmitted by the
master. This is a seven-bit calling address followed by a R/W bit. The R/W bit tells the slave the desired
direction of data transfer.
1 = Read transfer, the slave transmits data to the master.
0 = Write transfer, the master transmits data to the slave.
Only the slave with a calling address that matches the one transmitted by the master responds by sending
back an acknowledge bit. This is done by pulling the SDA low at the ninth clock (see Figure 11-9).
No two slaves in the system may have the same address. If the IIC module is the master, it must not transmit
an address equal to its own slave address. The IIC cannot be master and slave at the same time. However,
if arbitration is lost during an address cycle, the IIC reverts to slave mode and operates correctly even if it
is being addressed by another master.
SCL
SDA
Start
Signal
Ack
Bit
1
23
4567
8
msb
lsb
1
23
4567
8
msb
lsb
Stop
Signal
No
SCL
SDA
1
23
456
7
8
msb
lsb
12
5
6
7
8
msb
lsb
Repeated
34
99
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
XXX
D7
D6
D5
D4
D3
D2
D1
D0
Calling Address
Read/
Data Byte
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
New Calling Address
99
XX
Ack
Bit
Write
Start
Signal
Start
Signal
Ack
Bit
Calling Address
Read/
Write
Stop
Signal
No
Ack
Bit
Read/
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com