Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 197Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 198Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 199Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 200Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 201Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 202Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 203Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 204Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 356 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
201
11.3.4
IIC Status Register (IICS)
76543210
R
TCF
IAAS
BUSY
ARBL
0SRW
IICIF
RXAK
W
Reset
10000000
= Unimplemented or Reserved
Figure 11-6. IIC Status Register (IICS)
Table 11-6. IICS Field Descriptions
Field
Description
7
TCF
Transfer Complete Flag. This bit is set on the completion of a byte transfer. This bit is only valid during or
immediately following a transfer to the IIC module or from the IIC module.The TCF bit is cleared by reading the
IICD register in receive mode or writing to the IICD in transmit mode.
0 Transfer in progress
1 Transfer complete
6
IAAS
Addressed as a Slave. The IAAS bit is set when the calling address matches the programmed slave address
or when the GCAEN bit is set and a general call is received. Writing the IICC register clears this bit.
0 Not addressed
1 Addressed as a slave
5
BUSY
Bus Busy. The BUSY bit indicates the status of the bus regardless of slave or master mode. The BUSY bit is
set when a start signal is detected and cleared when a stop signal is detected.
0 Bus is idle
1 Bus is busy
4
ARBL
Arbitration Lost. This bit is set by hardware when the arbitration procedure is lost. The ARBL bit must be cleared
by software by writing a 1 to it.
0 Standard bus operation
1 Loss of arbitration
2
SRW
Slave Read/Write. When addressed as a slave, the SRW bit indicates the value of the R/W command bit of the
calling address sent to the master.
0 Slave receive, master writing to slave
1 Slave transmit, master reading from slave
1
IICIF
IIC Interrupt Flag. The IICIF bit is set when an interrupt is pending. This bit must be cleared by software, by
writing a 1 to it in the interrupt routine. One of the following events can set the IICIF bit:
•
One byte transfer completes
•
Match of slave address to calling address
•
Arbitration lost
0 No interrupt pending
1 Interrupt pending
0
RXAK
Receive Acknowledge. When the RXAK bit is low, it indicates an acknowledge signal has been received after
the completion of one byte of data transmission on the bus. If the RXAK bit is high it means that no acknowledge
signal is detected.
0 Acknowledge received
1 No acknowledge received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com