Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 195Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 196Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 197Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 198Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 199Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 200Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 201Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 202Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 356 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
199
Table 11-4. IIC Divider and Hold Values
ICR
(hex)
SCL
Divider
SDA Hold
Value
SCL Hold
(Start)
Value
SDA Hold
(Stop)
Value
ICR
(hex)
SCL
Divider
SDA Hold
Value
SCL Hold
(Start)
Value
SCL Hold
(Stop)
Value
00
20
7
6
11
20
160
17
78
81
01
22
7
7
12
21
192
17
94
97
02
24
8
8
13
22
224
33
110
113
03
26
8
9
14
23
256
33
126
129
04
28
9
10
15
24
288
49
142
145
05
30
9
11
16
25
320
49
158
161
06
34
10
13
18
26
384
65
190
193
07
40
10
16
21
27
480
65
238
241
08
28
7
10
15
28
320
33
158
161
09
32
7
12
17
29
384
33
190
193
0A
36
9
14
19
2A
448
65
222
225
0B
40
9
16
21
2B
512
65
254
257
0C
44
11
18
23
2C
576
97
286
289
0D
48
11
20
25
2D
640
97
318
321
0E
56
13
24
29
2E
768
129
382
385
0F
68
13
30
35
2F
960
129
478
481
10
48
9
18
25
30
640
65
318
321
11
56
9
22
29
31
768
65
382
385
12
64
13
26
33
32
896
129
446
449
13
72
13
30
37
33
1024
129
510
513
14
80
17
34
41
34
1152
193
574
577
15
88
17
38
45
35
1280
193
638
641
16
104
21
46
53
36
1536
257
766
769
17
128
21
58
65
37
1920
257
958
961
18
80
9
38
41
38
1280
129
638
641
19
96
9
46
49
39
1536
129
766
769
1A
112
17
54
57
3A
1792
257
894
897
1B
128
17
62
65
3B
2048
257
1022
1025
1C
144
25
70
73
3C
2304
385
1150
1153
1D
160
25
78
81
3D
2560
385
1278
1281
1E
192
33
94
97
3E
3072
513
1534
1537
1F
240
33
118
121
3F
3840
513
1918
1921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com