Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 191Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 192Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 193Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 194Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 195Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 196Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 197Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 198Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 356 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
195
11.1.1
Features
The IIC includes these distinctive features:
•
Compatible with IIC bus standard
•
Multi-master operation
•
Software programmable for one of 64 different serial clock frequencies
•
Software selectable acknowledge bit
•
Interrupt driven byte-by-byte data transfer
•
Arbitration lost interrupt with automatic mode switching from master to slave
•
Calling address identification interrupt
•
Start and stop signal generation/detection
•
Repeated start signal generation
•
Acknowledge bit generation/detection
•
Bus busy detection
•
General call recognition
•
10-bit address extension
11.1.2
Modes of Operation
A brief description of the IIC in the various MCU modes is given here.
•
Run mode — This is the basic mode of operation. To conserve power in this mode, disable the
module.
•
Wait mode — The module continues to operate while the MCU is in wait mode and can provide
a wake-up interrupt.
•
Stop mode — The IIC is inactive in stop3 mode for reduced power consumption. The stop
instruction does not affect IIC register states. Stop2 resets the register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com