Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 198Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 199Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 200Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 201Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 202Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 203Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 204Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 205Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 356 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DN60 Series Data Sheet, Rev 3
202
Freescale Semiconductor
11.3.5
IIC Data I/O Register (IICD)
NOTE
When transitioning out of master receive mode, the IIC mode should be
switched before reading the IICD register to prevent an inadvertent
initiation of a master receive data transfer.
In slave mode, the same functions are available after an address match has occurred.
The TX bit in IICC must correctly reflect the desired direction of transfer in master and slave modes for
the transmission to begin. For instance, if the IIC is configured for master transmit but a master receive is
desired, reading the IICD does not initiate the receive.
Reading the IICD returns the last byte received while the IIC is configured in master receive or slave
receive modes. The IICD does not reflect every byte transmitted on the IIC bus, nor can software verify
that a byte has been written to the IICD correctly by reading it back.
In master transmit mode, the first byte of data written to IICD following assertion of MST is used for the
address transfer and should comprise of the calling address (in bit 7 to bit 1) concatenated with the required
R/W bit (in position bit 0).
11.3.6
IIC Control Register 2 (IICC2)
76543210
R
DATA
W
Reset
00000000
Figure 11-7. IIC Data I/O Register (IICD)
Table 11-7. IICD Field Descriptions
Field
Description
7–0
DATA
Data — In master transmit mode, when data is written to the IICD, a data transfer is initiated. The most significant
bit is sent first. In master receive mode, reading this register initiates receiving of the next byte of data.
76543210
R
GCAEN
ADEXT
000
AD10
AD9
AD8
W
Reset
00000000
= Unimplemented or Reserved
Figure 11-8. IIC Control Register (IICC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com