Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 145Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 146Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 147Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 148Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 149Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 150Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 151Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
148
Freescale Semiconductor
The table below shows MCGOUT frequency calculations using RDIV, BDIV, and VDIV settings for each
clock mode. The bus frequency is equal to MCGOUT divided by 2.
1
R is the reference divider selected by the RDIV bits, B is the bus frequency divider selected by the BDIV bits,
and M is the multiplier selected by the VDIV bits.
This section will include 3 mode switching examples using a 4 MHz external crystal. If using an external
clock source less than 1 MHz, the MCG should not be configured for any of the PLL modes (PEE and
PBE).
8.5.2.1
Example # 1: Moving from FEI to PEE Mode: External Crystal = 4 MHz,
Bus Frequency = 8 MHz
In this example, the MCG will move through the proper operational modes from FEI to PEE mode until
the 4 MHz crystal reference frequency is set to achieve a bus frequency of 8 MHz. Because the MCG is in
FEI mode out of reset, this example also shows how to initialize the MCG for PEE mode out of reset. First,
the code sequence will be described. Then a flowchart will be included which illustrates the sequence.
1. First, FEI must transition to FBE mode:
a) MCGC2 = 0x36 (%00110110)
– BDIV (bits 7 and 6) set to %00, or divide-by-1
– RANGE (bit 5) set to 1 because the frequency of 4 MHz is within the high frequency range
– HGO (bit 4) set to 1 to configure external oscillator for high gain operation
– EREFS (bit 2) set to 1, because a crystal is being used
– ERCLKEN (bit 1) set to 1 to ensure the external reference clock is active
b) Loop until OSCINIT (bit 1) in MCGSC is 1, indicating the crystal selected by the EREFS bit
has been initialized.
Table 8-6. MCGOUT Frequency Calculation Options
Clock Mode
fMCGOUT
1
Note
FEI (FLL engaged internal)
(fint * 1024) / B
Typical fMCGOUT = 16 MHz
immediately after reset. RDIV
bits set to %000.
FEE (FLL engaged external)
(fext / R *1024) / B
fext / R must be in the range of
31.25 kHz to 39.0625 kHz
FBE (FLL bypassed external)
fext / B
fext / R must be in the range of
31.25 kHz to 39.0625 kHz
FBI (FLL bypassed internal)
fint / B
Typical fint = 32 kHz
PEE (PLL engaged external)
[(fext / R) * M] / B
fext / R must be in the range of 1
MHz to 2 MHz
PBE (PLL bypassed external)
fext / B
fext / R must be in the range of 1
MHz to 2 MHz
BLPI (Bypassed low power internal)
fint / B
BLPE (Bypassed low power external)
fext / B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com