Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 147Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 148Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 149Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 150Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 151Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 152Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 153Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
151
8.5.2.2
Example # 2: Moving from PEE to BLPI Mode: External Crystal = 4 MHz,
Bus Frequency =16 kHz
In this example, the MCG will move through the proper operational modes from PEE mode with a 4 MHz
crystal configured for an 8 MHz bus frequency (see previous example) to BLPI mode with a 16 kHz bus
frequency.First, the code sequence will be described. Then a flowchart will be included which illustrates
the sequence.
1. First, PEE must transition to PBE mode:
a) MCGC1 = 0x90 (%10010000)
– CLKS (bits 7 and 6) set to %10 in order to switch the system clock source to the external
reference clock
b) Loop until CLKST (bits 3 and 2) in MCGSC are %10, indicating that the external reference
clock is selected to feed MCGOUT
2. Then, PBE must transition either directly to FBE mode or first through BLPE mode and then to
FBE mode:
a) BLPE: If a transition through BLPE mode is desired, first set LP (bit 3) in MCGC2 to 1
b) BLPE/FBE: MCGC1 = 0xB8 (%10111000)
– RDIV (bits 5-3) set to %111, or divide-by-128 because 4 MHz / 128 = 31.25 kHz which is
in the 31.25 kHz to 39.0625 kHz range required by the FLL. In BLPE mode, the
configuration of the RDIV does not matter because both the FLL and PLL are disabled.
Changing them only sets up the dividers for FLL usage in FBE mode
c) BLPE/FBE: MCGC3 = 0x04 (%00000100)
– PLLS (bit 6) clear to 0 to select the FLL. In BLPE mode, changing this bit only prepares the
MCG for FLL usage in FBE mode. With PLLS = 0, the VDIV value does not matter.
d) BLPE: If transitioning through BLPE mode, clear LP (bit 3) in MCGC2 to 0 here to switch to
FBE mode
e) FBE: Loop until PLLST (bit 5) in MCGSC is clear, indicating that the current source for the
PLLS clock is the FLL
f) FBE: Optionally, loop until LOCK (bit 6) in the MCGSC is set, indicating that the FLL has
acquired lock. Although the FLL is bypassed in FBE mode, it is still enabled and running.
3. Next, FBE mode transitions into FBI mode:
a) MCGC1 = 0x44 (%01000100)
– CLKS (bits7 and 6) in MCGSC1 set to %01 in order to switch the system clock to the
internal reference clock
– IREFS (bit 2) set to 1 to select the internal reference clock as the reference clock source
– RDIV (bits 5-3) set to %000, or divide-by-1 because the trimmed internal reference should
be within the 31.25 kHz to 39.0625 kHz range required by the FLL
b) Loop until IREFST (bit 4) in MCGSC is 1, indicating the internal reference clock has been
selected as the reference clock source
c) Loop until CLKST (bits 3 and 2) in MCGSC are %01, indicating that the internal reference
clock is selected to feed MCGOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com