Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 149Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 150Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 151Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 152Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 153Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
153
8.5.2.3
Example #3: Moving from BLPI to FEE Mode: External Crystal = 4 MHz,
Bus Frequency = 16 MHz
In this example, the MCG will move through the proper operational modes from BLPI mode at a 16 kHz
bus frequency running off of the internal reference clock (see previous example) to FEE mode using a 4
MHz crystal configured for a 16 MHz bus frequency. First, the code sequence will be described. Then a
flowchart will be included which illustrates the sequence.
1. First, BLPI must transition to FBI mode.
a) MCGC2 = 0x00 (%00000000)
– LP (bit 3) in MCGSC is 0
b) Optionally, loop until LOCK (bit 6) in the MCGSC is set, indicating that the FLL has acquired
lock. Although the FLL is bypassed in FBI mode, it is still enabled and running.
2. Next, FBI will transition to FEE mode.
a) MCGC2 = 0x36 (%00110110)
– RANGE (bit 5) set to 1 because the frequency of 4 MHz is within the high frequency range
– HGO (bit 4) set to 1 to configure external oscillator for high gain operation
– EREFS (bit 2) set to 1, because a crystal is being used
– ERCLKEN (bit 1) set to 1 to ensure the external reference clock is active
b) Loop until OSCINIT (bit 1) in MCGSC is 1, indicating the crystal selected by the EREFS bit
has been initialized.
c) MCGC1 = 0x38 (%00111000)
– CLKS (bits 7 and 6) set to %00 in order to select the output of the FLL as system clock
source
– RDIV (bits 5-3) set to %111, or divide-by-128 because 4 MHz / 128 = 31.25 kHz which is
in the 31.25 kHz to 39.0625 kHz range required by the FLL
– IREFS (bit 1) cleared to 0, selecting the external reference clock
d) Loop until IREFST (bit 4) in MCGSC is 0, indicating the external reference clock is the current
source for the reference clock
e) Optionally, loop until LOCK (bit 6) in the MCGSC is set, indicating that the FLL has
reacquired lock.
f) Loop until CLKST (bits 3 and 2) in MCGSC are %00, indicating that the output of the FLL is
selected to feed MCGOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com