Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 152Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 153Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
156
Freescale Semiconductor
c) MCGC1 = 0x98 (%10011000)
– RDIV (bits 5-3) set to %011, or divide-by-8 because 8 MHz / 8= 1 MHz which is in the 1
MHz to 2 MHz range required by the PLL. In BLPE mode, the configuration of the RDIV
does not matter because both the FLL and PLL are disabled. Changing them only sets up the
the dividers for PLL usage in PBE mode
d) MCGC3 = 0x44 (%01000100)
– PLLS (bit 6) set to 1, selects the PLL. In BLPE mode, changing this bit only prepares the
MCG for PLL usage in PBE mode
– VDIV (bits 3-0) set to %0100, or multiply-by-16 because 1 MHz reference * 16 = 16 MHz.
In BLPE mode, the configuration of the VDIV bits does not matter because the PLL is
disabled. Changing them only sets up the multiply value for PLL usage in PBE mode
e) Loop until PLLST (bit 5) in MCGSC is set, indicating that the current source for the PLLS
clock is the PLL
3. Then, BLPE mode transitions into PBE mode:
a) Clear LP (bit 3) in MCGC2 to 0 here to switch to PBE mode
b) Then loop until LOCK (bit 6) in MCGSC is set, indicating that the PLL has acquired lock
4. Last, PBE mode transitions into PEE mode:
a) MCGC1 = 0x18 (%00011000)
– CLKS (bits7 and 6) in MCGSC1 set to %00 in order to select the output of the PLL as the
system clock source
b) Loop until CLKST (bits 3 and 2) in MCGSC are %11, indicating that the PLL output is selected
to feed MCGOUT in the current clock mode
– Now, With an RDIV of divide-by-8, a BDIV of divide-by-1, and a VDIV of multiply-by-16,
MCGOUT = [(8 MHz / 8) * 16] / 1 = 16 MHz, and the bus frequency is MCGOUT / 2, or 8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com