Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
158
Freescale Semiconductor
8.5.3
Calibrating the Internal Reference Clock (IRC)
The IRC is calibrated by writing to the MCGTRM register first, then using the FTRIM bit to “fine tune”
the frequency. We will refer to this total 9-bit value as the trim value, ranging from 0x000 to 0x1FF, where
the FTRIM bit is the LSB.
The trim value after a POR is always 0x100 (MCGTRM = 0x80 and FTRIM = 0). Writing a larger value
will decrease the frequency and smaller values will increase the frequency. The trim value is linear with
the period, except that slight variations in wafer fab processing produce slight non-linearities between trim
value and period. These non-linearities are why an iterative trimming approach to search for the best trim
value is recommended. In Example #5: Internal Reference Clock Trim this approach will be demonstrated.
After a trim value has been found for a device, this value can be stored in FLASH memory to save the
value. If power is removed from the device, the IRC can easily be re-trimmed by copying the saved value
from FLASH to the MCG registers. Freescale identifies recommended FLASH locations for storing the
trim value for each MCU. Consult the memory map in the data sheet for these locations. On devices that
are factory trimmed, the factory trim value will be stored in these locations.
8.5.3.1
Example #5: Internal Reference Clock Trim
For applications that require a tight frequency tolerance, a trimming procedure is provided that will allow
a very accurate internal clock source. This section outlines one example of trimming the internal oscillator.
Many other possible trimming procedures are valid and can be used.
In the example below, the MCG trim will be calibrated for the 9-bit MCGTRM and FTRIM collective
value. This value will be referred to as TRMVAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com