Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 162Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 163Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 164Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 356 page
background image
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
161
Chapter 9
Analog Comparator (S08ACMPV3)
9.1
Introduction
The analog comparator module (ACMP) provides a circuit for comparing two analog input voltages or for
comparing one analog input voltage to an internal reference voltage. The comparator circuit is designed to
operate across the full range of the supply voltage (rail-to-rail operation).
All MC9S08DN60 Series MCUs have two full function ACMPs in a 64-pin package. MCUs in the 48-pin
package have two ACMPs, but the output of ACMP2 is not accessible. MCUs in the 32-pin package
contain one full function ACMP.
NOTE
MC9S08DN60 Series devices operate at a higher voltage range (2.7 V to
5.5 V) and do not include stop1 mode. Please ignore references to stop1.
9.1.1
ACMP Configuration Information
When using the bandgap reference voltage for input to ACMP+, the user must enable the bandgap buffer
by setting BGBE =1 in SPMSC1 see Section 5.8.7, “System Power Management Status and Control 1
Register (SPMSC1).” For value of bandgap voltage reference see Section A.6, “DC Characteristics.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com