Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 162Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 163Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 164Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 165Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 166Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 167Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 356 page
background image
Chapter 9 Analog Comparator (S08ACMPV3)
MC9S08DN60 Series Data Sheet, Rev 3
164
Freescale Semiconductor
9.1.4
Block Diagram
The block diagram for the analog comparator module is shown Figure 9-2.
Figure 9-2. Analog Comparator (ACMP) Block Diagram
9.2
External Signal Description
The ACMP has two analog input pins, ACMPx+ and ACMPx
− and one digital output pin ACMPxO. Each
of these pins can accept an input voltage that varies across the full operating voltage range of the MCU.
As shown in Figure 9-2, the ACMPx- pin is connected to the inverting input of the comparator, and the
ACMPx+ pin is connected to the comparator non-inverting input if ACBGS is a 0. As shown in Figure 9-2,
the ACMPxO pin can be enabled to drive an external pin.
The signal properties of ACMP are shown in Table 9-1.
Table 9-1. Signal Properties
Signal
Function
I/O
ACMPx-
Inverting analog input to the ACMP.
(Minus input)
I
ACMPx+
Non-inverting analog input to the ACMP.
(Positive input)
I
ACMPxO
Digital output of the ACMP.
O
+
-
Interrupt
Control
Internal
Reference
ACBGS
Internal Bus
Status & Control
Register
ACME
ACF
ACIE
ACOPE
Comparator
ACMPx
INTERRUPT
REQUEST
ACMPx+
ACMPx-
ACMPxO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com