Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 163Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 164Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 165Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 166Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 167Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 168Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 169Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 170Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 356 page
background image
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
167
Chapter 10
Analog-to-Digital Converter (S08ADC12V1)
10.1
Introduction
The 12-bit analog-to-digital converter (ADC) is a successive approximation ADC designed for operation
within an integrated microcontroller system-on-chip.
NOTE
MC9S08DN60 Series devices operate at a higher voltage range (2.7 V to
5.5 V) and do not include stop1 mode. Please ignore references to stop1.
10.1.1
Analog Power and Ground Signal Names
References to VDDAD and VSSAD in this chapter correspond to signals VDDA and VSSA, respectively.
10.1.2
Channel Assignments
NOTE
The ADC channel assignments for the MC9S08DN60 Series devices are
shown in Table 10-1. Reserved channels convert to an unknown value.
This chapter shows bits for all S08ADC12V1 channels. MC9S08DN60
Series MCUs do not use all of these channels. All bits corresponding to
channels that are not available on a device are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com