Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 168 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 168 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 164Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 165Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 166Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 167Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 168Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 169Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 170Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 171Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 172Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 356 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DN60 Series Data Sheet, Rev 3
168
Freescale Semiconductor
10.1.3
Alternate Clock
The ADC module is capable of performing conversions using the MCU bus clock, the bus clock divided
by two, the local asynchronous clock (ADACK) within the module, or the alternate clock, ALTCLK. The
alternate clock for the MC9S08DN60 Series MCU devices is the external reference clock (MCGERCLK).
The selected clock source must run at a frequency such that the ADC conversion clock (ADCK) runs at a
frequency within its specified range (fADCK) after being divided down from the ALTCLK input as
determined by the ADIV bits.
ALTCLK is active while the MCU is in wait mode provided the conditions described above are met. This
allows ALTCLK to be used as the conversion clock source for the ADC while the MCU is in wait mode.
ALTCLK cannot be used as the ADC conversion clock source while the MCU is in either stop2 or stop3.
10.1.4
Hardware Trigger
The ADC hardware trigger, ADHWT, is the output from the real time counter (RTC). The RTC counter
can be clocked by either MCGERCLK or a nominal 1 kHz clock source.
The period of the RTC is determined by the input clock frequency, the RTCPS bits, and the RTCMOD
register. When the ADC hardware trigger is enabled, a conversion is initiated upon an RTC counter
overflow.
The RTC can be configured to cause a hardware trigger in MCU run, wait, and stop3.
Table 10-1. ADC Channel Assignment
Notes:
1 For information, see Section 10.1.5, “Temperature Sensor”.
ADCH
Channel
Input
00000
AD0
PTA0/ADP0/MCLK
00001
AD1
PTA1/ADP1/ACMP1+
00010
AD2
PTA2/ADP2/ACMP1P-
00011
AD3
PTA3/ADP3/ACMP1O
00100
AD4
PTA4/ADP4
00101
AD5
PTA5/ADP5
00110
AD6
PTA6/ADP6
00111
AD7
PTA7/ADP7
01000
AD8
PTB0/ADP8
01001
AD9
PTB1/ADP9
01010
AD10
PTB2/ADP10
01011
AD11
PTB3/ADP11
01100
AD12
PTB4/ADP12
01101
AD13
PTB5/ADP13
01110
AD14
PTB6/ADP14
01111
AD15
PTB7/ADP15
10000–
AD16 through AD25
Reserved
11001
11010
AD26
Temperature Sensor1
11011
AD27
Internal Bandgap2
11100
Reserved
Reserved
11101
VREFH
VREFH
11110
VREFL
VREFL
11111
Module Disabled
None
ADCH
Channel
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com