Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 162Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 163Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 164Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 165Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 166Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 167Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 168Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 356 page
background image
Chapter 9 Analog Comparator (S08ACMPV3)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
165
9.3
Memory Map/Register Definition
The ACMP includes one register:
•
An 8-bit status and control register
Refer to the direct-page register summary in the memory section of this document for the absolute address
assignments for the ACMP register.This section refers to register and control bits only by their names and
relative address offsets.
Some MCUs may have more than one ACMP, so register names include placeholder characters (x) to
identify which ACMP is being referenced.
9.3.1
ACMPx Status and Control Register (ACMPxSC)
ACMPxSC contains the status flag and control bits used to enable and configure the ACMP.
Table 9-2. ACMP Register Summary
Name
76543210
ACMPxSC
R
ACME
ACBGS
ACF
ACIE
ACO
ACOPE
ACMOD
W
76543210
R
ACME
ACBGS
ACF
ACIE
ACO
ACOPE
ACMOD
W
Reset:
0
0
0
0
0
0
0
0
Figure 9-3. ACMPx Status and Control Register (ACMPxSC)
Table 9-3. ACMPxSC Field Descriptions
Field
Description
7
ACME
Analog Comparator Module Enable. Enables the ACMP module.
0 ACMP not enabled
1 ACMP is enabled
6
ACBGS
Analog Comparator Bandgap Select. Selects between the bandgap reference voltage or the ACMPx+ pin as the
input to the non-inverting input of the analog comparator.
0 External pin ACMPx+ selected as non-inverting input to comparator
1 Internal reference select as non-inverting input to comparator
5
ACF
Analog Comparator Flag. ACF is set when a compare event occurs. Compare events are defined by ACMOD.
ACF is cleared by writing a one to it.
0 Compare event has not occurred
1 Compare event has occurred
4
ACIE
Analog Comparator Interrupt Enable. Enables the interrupt from the ACMP. When ACIE is set, an interrupt is
asserted when ACF is set.
0 Interrupt disabled
1 Interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com