Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 145Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 146Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 147Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 148Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 149Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 150Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
147
— If entering FEE, set RDIV appropriately, clear the IREFS bit to switch to the external reference,
and leave the CLKS bits at %00 so that the output of the FLL is selected as the system clock
source.
— If entering FBE, clear the IREFS bit to switch to the external reference and change the CLKS
bits to %10 so that the external reference clock is selected as the system clock source. The
RDIV bits should also be set appropriately here according to the external reference frequency
because although the FLL is bypassed, it is still on in FBE mode.
— The internal reference can optionally be kept running by setting the IRCLKEN bit. This is
useful if the application will switch back and forth between internal and external modes. For
minimum power consumption, leave the internal reference disabled while in an external clock
mode.
3. After the proper configuration bits have been set, wait for the affected bits in the MCGSC register
to be changed appropriately, reflecting that the MCG has moved into the proper mode.
— If ERCLKEN was set in step 1 or the MCG is in FEE, FBE, PEE, PBE, or BLPE mode, and
EREFS was also set in step 1, wait here for the OSCINIT bit to become set indicating that the
external clock source has finished its initialization cycles and stabilized. Typical crystal startup
times are given in Appendix A, “Electrical Characteristics”.
— If in FEE mode, check to make sure the IREFST bit is cleared and the LOCK bit is set before
moving on.
— If in FBE mode, check to make sure the IREFST bit is cleared, the LOCK bit is set, and the
CLKST bits have changed to %10 indicating the external reference clock has been
appropriately selected. Although the FLL is bypassed in FBE mode, it is still on and will lock
in FBE mode.
To change from FEI clock mode to FBI clock mode, follow this procedure:
1. Change the CLKS bits to %01 so that the internal reference clock is selected as the system clock
source.
2. Wait for the CLKST bits in the MCGSC register to change to %01, indicating that the internal
reference clock has been appropriately selected.
8.5.2
MCG Mode Switching
When switching between operational modes of the MCG, certain configuration bits must be changed in
order to properly move from one mode to another. Each time any of these bits are changed (PLLS, IREFS,
CLKS, or EREFS), the corresponding bits in the MCGSC register (PLLST, IREFST, CLKST, or
OSCINIT) must be checked before moving on in the application software.
Additionally, care must be taken to ensure that the reference clock divider (RDIV) is set properly for the
mode being switched to. For instance, in PEE mode, if using a 4 MHz crystal, RDIV must be set to %001
(divide-by-2) or %010 (divide -by-4) in order to divide the external reference down to the required
frequency between 1 and 2 MHz.
The RDIV and IREFS bits should always be set properly before changing the PLLS bit so that the FLL or
PLL clock has an appropriate reference clock frequency to switch to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com