Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 140Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 141Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 145Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 146Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
143
multiplication factor, as selected by the VDIV bits, times the reference frequency, as selected by the RDIV
bits. If BDM is enabled then the MCGLCLK is derived from the DCO (open-loop mode) divided by two.
If BDM is not enabled then the FLL is disabled in a low power state.
8.4.1.6
PLL Bypassed External (PBE)
In PLL bypassed external (PBE) mode, the MCGOUT clock is derived from the external reference clock
and the PLL is operational but its output clock is not used. This mode is useful to allow the PLL to acquire
its target frequency while the MCGOUT clock is driven from the external reference clock.
The PLL bypassed external mode is entered when all the following conditions occur:
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 1
•
RDIV bits are written to divide reference clock to be within the range of 1 MHz to 2 MHz
•
LP bit is written to 0
In PLL bypassed external mode, the MCGOUT clock is derived from the external reference clock. The
external reference clock which is enabled can be an external crystal/resonator or it can be another external
clock source. The PLL clock frequency locks to a multiplication factor, as selected by the VDIV bits, times
the reference frequency, as selected by the RDIV bits. If BDM is enabled then the MCGLCLK is derived
from the DCO (open-loop mode) divided by two. If BDM is not enabled then the FLL is disabled in a low
power state.
8.4.1.7
Bypassed Low Power Internal (BLPI)
The bypassed low power internal (BLPI) mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1
•
PLLS bit is written to 0
•
LP bit is written to 1
•
BDM mode is not active
In bypassed low power internal mode, the MCGOUT clock is derived from the internal reference clock.
The PLL and the FLL are disabled at all times in BLPI mode and the MCGLCLK will not be available for
BDC communications If the BDM becomes active the mode will switch to FLL bypassed internal (FBI)
mode.
8.4.1.8
Bypassed Low Power External (BLPE)
The bypassed low power external (BLPE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com