Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 136Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 138Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 140Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 141Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
139
5
CME
Clock Monitor Enable — Determines if a reset request is made following a loss of external clock indication. The
CME bit should only be set to a logic 1 when either the MCG is in an operational mode that uses the external
clock (FEE, FBE, PEE, PBE, or BLPE) or the external reference is enabled (ERCLKEN=1 in the MCGC2
register). Whenever the CME bit is set to a logic 1, the value of the RANGE bit in the MCGC2 register should not
be changed.
0 Clock monitor is disabled.
1 Generate a reset request on loss of external clock.
3:0
VDIV
VCO Divider — Selects the amount to divide down the VCO output of PLL. The VDIV bits establish the
multiplication factor (M) applied to the reference clock frequency.
0000 Encoding 0 — Reserved.
0001 Encoding 1 — Multiply by 4.
0010 Encoding 2 — Multiply by 8.
0011 Encoding 3 — Multiply by 12.
0100 Encoding 4 — Multiply by 16.
0101 Encoding 5 — Multiply by 20.
0110 Encoding 6 — Multiply by 24.
0111 Encoding 7 — Multiply by 28.
1000 Encoding 8 — Multiply by 32.
1001 Encoding 9 — Multiply by 36.
1010 Encoding 10 — Multiply by 40.
1011 Encoding 11 — Reserved (default to M=40).
11xx Encoding 12-15 — Reserved (default to M=40).
Table 8-5. MCG PLL Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com