Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 138Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 140Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 141Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 145Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
142
Freescale Semiconductor
•
LP bit is written to 0
In FLL bypassed internal mode, the MCGOUT clock is derived from the internal reference clock. The FLL
clock is controlled by the internal reference clock, and the FLL clock frequency locks to 1024 times the
reference frequency, as selected by the RDIV bits. The MCGLCLK is derived from the FLL and the PLL
is disabled in a low power state.
8.4.1.4
FLL Bypassed External (FBE)
In FLL bypassed external (FBE) mode, the MCGOUT clock is derived from the external reference clock
and the FLL is operational but its output clock is not used. This mode is useful to allow the FLL to acquire
its target frequency while the MCGOUT clock is driven from the external reference clock.
The FLL bypassed external mode is entered when all the following conditions occur:
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 0
•
RDIV bits are written to divide reference clock to be within the range of 31.25 kHz to 39.0625 kHz
•
LP bit is written to 0
In FLL bypassed external mode, the MCGOUT clock is derived from the external reference clock. The
external reference clock which is enabled can be an external crystal/resonator or it can be another external
clock source.The FLL clock is controlled by the external reference clock, and the FLL clock frequency
locks to 1024 times the reference frequency, as selected by the RDIV bits. The MCGLCLK is derived from
the FLL and the PLL is disabled in a low power state.
NOTE
It is possible to briefly operate in FBE mode with an FLL reference clock
frequency that is greater than the specified maximum frequency. This can be
necessary in applications that operate in PEE mode using an external crystal
with a frequency above 5 MHz. Please see 8.5.2.4, “Example # 4: Moving
from FEI to PEE Mode: External Crystal = 8 MHz, Bus Frequency = 8 MHz
for a detailed example.
8.4.1.5
PLL Engaged External (PEE)
The PLL engaged external (PEE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 0
•
PLLS bit is written to 1
•
RDIV bits are written to divide reference clock to be within the range of 1 MHz to 2 MHz
In PLL engaged external mode, the MCGOUT clock is derived from the PLL clock which is controlled by
the external reference clock. The external reference clock which is enabled can be an external
crystal/resonator or it can be another external clock source The PLL clock frequency locks to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com