Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 140Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 141Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 145Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 146Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 147Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
144
Freescale Semiconductor
•
LP bit is written to 1
•
BDM mode is not active
In bypassed low power external mode, the MCGOUT clock is derived from the external reference clock.
The external reference clock which is enabled can be an external crystal/resonator or it can be another
external clock source.
The PLL and the FLL are disabled at all times in BLPE mode and the MCGLCLK will not be available
for BDC communications. If the BDM becomes active the mode will switch to one of the bypassed
external modes as determined by the state of the PLLS bit.
8.4.1.9
Stop
Stop mode is entered whenever the MCU enters a STOP state. In this mode, the FLL and PLL are disabled
and all MCG clock signals are static except in the following cases:
MCGIRCLK will be active in stop mode when all the following conditions occur:
•
IRCLKEN = 1
•
IREFSTEN = 1
MCGERCLK will be active in stop mode when all the following conditions occur:
•
ERCLKEN = 1
•
EREFSTEN = 1
8.4.2
Mode Switching
When switching between engaged internal and engaged external modes the IREFS bit can be changed at
anytime, but the RDIV bits must be changed simultaneously so that the reference frequency stays in the
range required by the state of the PLLS bit (31.25 kHz to 39.0625 kHz if the FLL is selected, or 1 MHz to
2 MHz if the PLL is selected). After a change in the IREFS value the FLL or PLL will begin locking again
after the switch is completed. The completion of the switch is shown by the IREFST bit .
For the special case of entering stop mode immediately after switching to FBE mode, if the external clock
and the internal clock are disabled in stop mode, (EREFSTEN = 0 and IREFSTEN = 0), it is necessary to
allow 100us after the IREFST bit is cleared to allow the internal reference to shutdown. For most cases the
delay due to instruction execution times will be sufficient.
The CLKS bits can also be changed at anytime, but in order for the MCGLCLK to be configured correctly
the RDIV bits must be changed simultaneously so that the reference frequency stays in the range required
by the state of the PLLS bit (31.25 kHz to 39.0625 kHz if the FLL is selected, or 1 MHz to 2MHz if the
PLL is selected). The actual switch to the newly selected clock will be shown by the CLKST bits. If the
newly selected clock is not available, the previous clock will remain selected.
For details see Figure 8-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com