Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 138Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 140Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 141Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 356 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
141
The nine states of the MCG are shown as a state diagram and are described below. The arrows indicate the
allowed movements between the states.
8.4.1.1
FLL Engaged Internal (FEI)
FLL engaged internal (FEI) is the default mode of operation and is entered when all the following
conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 1
•
PLLS bit is written to 0
•
RDIV bits are written to 000. Since the internal reference clock frequency should already be in the
range of 31.25 kHz to 39.0625 kHz after it is trimmed, no further frequency divide is necessary.
In FLL engaged internal mode, the MCGOUT clock is derived from the FLL clock, which is controlled by
the internal reference clock. The FLL clock frequency locks to 1024 times the reference frequency, as
selected by the RDIV bits. The MCGLCLK is derived from the FLL and the PLL is disabled in a low power
state.
8.4.1.2
FLL Engaged External (FEE)
The FLL engaged external (FEE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 0
•
PLLS bit is written to 0
•
RDIV bits are written to divide reference clock to be within the range of 31.25 kHz to 39.0625 kHz
In FLL engaged external mode, the MCGOUT clock is derived from the FLL clock which is controlled by
the external reference clock. The external reference clock which is enabled can be an external
crystal/resonator or it can be another external clock source.The FLL clock frequency locks to 1024 times
the reference frequency, as selected by the RDIV bits. The MCGLCLK is derived from the FLL and the
PLL is disabled in a low power state.
8.4.1.3
FLL Bypassed Internal (FBI)
In FLL bypassed internal (FBI) mode, the MCGOUT clock is derived from the internal reference clock
and the FLL is operational but its output clock is not used. This mode is useful to allow the FLL to acquire
its target frequency while the MCGOUT clock is driven from the internal reference clock.
The FLL bypassed internal mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1
•
PLLS bit is written to 0
•
RDIV bits are written to 000. Since the internal reference clock frequency should already be in the
range of 31.25 kHz to 39.0625 kHz after it is trimmed, no further frequency divide is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com