Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CL48 Datasheet(PDF) 128 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 128 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 124Page - Motorola, Inc 68HC05CL48 Datasheet HTML 125Page - Motorola, Inc 68HC05CL48 Datasheet HTML 126Page - Motorola, Inc 68HC05CL48 Datasheet HTML 127Page - Motorola, Inc 68HC05CL48 Datasheet HTML 128Page - Motorola, Inc 68HC05CL48 Datasheet HTML 129Page - Motorola, Inc 68HC05CL48 Datasheet HTML 130Page - Motorola, Inc 68HC05CL48 Datasheet HTML 131Page - Motorola, Inc 68HC05CL48 Datasheet HTML 132Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
ELECTRICAL SPECIFICATIONS
MC68HC05CL48
15-4
REV 2.0
Note: The above IDD measurements include the 32kHz oscillator IDD configured as in Figure 1-4 (a) except for
case (h) and (i).
15.5
CONTROL TIMING
(VDD = 3.3 VDC ±10%, VSS = 0 VDC, TA = –10°C to +70°C, unless otherwise noted)
Notes:
(1) The minimum period tILIL should not be less than the number of cycle times it takes to execute the interrupt
service routine plus 21 tCYC.
15.6
ESD PROTECTION
All pads are designed to withstand 2kV of ESD.
Data
Retention
(i)
VDD=2.0, RESETB = “0”
No Oscillator
IDD
55
µA
Start Up
(j)
VDD= 0 to 3V, RESETB = “0”
IDD
3.0
3.0
mA
CHARACTERISTIC
Symbol
Min
Max
Unit
Frequency of operation
Crystal option
External clock
fOSC
fIN
32.768
—
32.768
—
kHz
MHz
Internal operating frequency
Crystal option
External clock
fOP
fOP
0.016384
—
1.802
—
MHz
MHz
Cycle time
tCYC
61035
555
ns
Crystal Oscillator Start-up time. (Refer to Figure 1-4 (a))
“From supply=Vdd to the end of POR cycles.”
tOXOV
—3
s
Crystal Oscillator Start-up Voltage
tOXOV
2.7
5.0
Volts
Crystal Oscillator Small Signal Voltage Gain
AV
10
25
Stop recovery Start-up time (crystal oscillator + POR cycles)
tILCH
—70
ms
PLL lock time (after asserting PON-bit)
tPLL
—10
ms
RESET pulse width
tRL
1.5
IOUT
tCYC
Interrupt pulse width (Edge triggered)
tILIH
119
IIN
ns
Interrupt pulse period
tILIL
See note1
—
tCYC
OSC1 Pulse Width
t
270
280
ns
Mode
Conditions
Symbol
Max
(HC705CL48)
Max
(HC05CL48)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com