Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SB7 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
RESETS
MC68HC05SB7
5-2
REV 2.1
5.1
POWER-ON RESET
A positive transition on the VDD pin generates a power-on reset. The power-on
reset is strictly for conditions during powering up and cannot be used to detect
drops in power supply voltage.
A 4064 tCYC (internal clock cycle) delay after the oscillator becomes active allows
the clock generator to stabilize. If the RESET pin is at logic zero at the end of the
multiple tCYC time, the MCU remains in the reset condition until the signal on the
RESET pin goes to a logic one.
5.2
EXTERNAL RESET
A logic zero applied to the RESET pin for 1.5tCYC generates an external reset.
This pin is connected to a Schmitt trigger input gate to provide and upper and
lower threshold voltage separated by a minimum amount of hysteresis. The exter-
nal reset occurs whenever the RESET pin is pulled below the lower threshold and
remains in reset until the RESET pin rises above the upper threshold. This active
low input will generate the internal RST signal that resets the CPU and peripher-
als.
The RESET pin can also act as an open drain output. It will be pulled to a low
state by an internal pulldown device that is activated by three internal reset
sources. This RESET pulldown device will only be asserted for 3 - 4 cycles of the
internal clock, fOP, or as long as the internal reset source is asserted. When the
external RESET pin is asserted, the pulldown device will not be turned on.
NOTE
Do not connect the RESET pin directly to VDD, as this may overload some power
supply designs when the internal pulldown on the RESET pin activates.
5.3
INTERNAL RESETS
The four internally generated resets are the initial power-on reset function, the
COP Watchdog timer reset, the low voltage reset, and the illegal address detector.
Only the COP Watchdog timer reset, low voltage reset and illegal address detec-
tor will also assert the pulldown device on the RESET pin for the duration of the
reset function or 3 - 4 internal clock cycles, whichever is longer.
5.3.1 Power-On Reset (POR)
The internal POR is generated on power-up to allow the clock oscillator to stabi-
lize. The POR is strictly for power turn-on conditions and is not able to detect a
drop in the power supply voltage (brown-out). There is an oscillator stabilization
delay of 4064 internal processor bus clock cycles after the oscillator becomes
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com