Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SB7 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
16-BIT TIMER
MC68HC05SB7
10-10
REV 2.1
OLVL - OUTPUT COMPARE OUTPUT LEVEL SELECT
The state of this read/write bit determines whether a logic one or a logic zero
appears on the TCMP when a successful output compare occurs. Reset clears
the OLVL bit.
1 =
TCMP goes high on output compare.
0 =
TCMP goes low on output compare.
10.6
TIMER STATUS REGISTER (TSR)
The timer status register (TSR) shown in Figure 10-13 contains flags for the fol-
lowing events:
•
An active signal on the PB1/TCAP pin or the CPF flag bit of voltage
comparator in the analog subsystem, transferring the contents of the
timer registers to the input capture registers.
•
A match between the 16-bit counter and the output compare registers,
transferring the OLVL bit to the TCMP.
•
An overflow of the timer registers from $FFFF to $0000.
Writing to any of the bits in the TSR has no effect. Reset does not change the
state of any of the flag bits in the TSR.
ICF - INPUT CAPTURE FLAG
The ICF bit is automatically set when an edge of the selected polarity occurs on
the PB1/TCAP pin. Clear the ICF bit by reading the timer status register with
the ICF set, and then reading the low byte (ICRL, $0015) of the input capture
registers. Reset has no effect on ICF.
OCF - OUTPUT COMPARE FLAG
The OCF bit is automatically set when the value of the timer registers matches
the contents of the output compare registers. Clear the OCF bit by reading the
timer status register with the OCF set, and then accessing the low byte (OCRL,
$0017) of the output compare registers. Reset has no effect on OCF.
TOF - TIMER OVERFLOW FLAG
The TOF bit is automatically set when the 16-bit timer counter rolls over from
$FFFF to $0000. Clear the TOF bit by reading the timer status register with the
TOF set, and then accessing the low byte (TMRL, $0019) of the timer registers.
Reset has no effect on TOF.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TSR
R
ICF
OCF
TOF
00000
$0013
W
reset:
U
U
U
00000
U = UNAFFECTED BY RESET
Figure 10-13. Timer Status Registers (TSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com